Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2117R Datasheet(PDF) 490 Page - Renesas Technology Corp

No. de pieza H8S/2117R
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R Datasheet(HTML) 490 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 486Page - Renesas Technology Corp H8S/2117R Datasheet HTML 487Page - Renesas Technology Corp H8S/2117R Datasheet HTML 488Page - Renesas Technology Corp H8S/2117R Datasheet HTML 489Page - Renesas Technology Corp H8S/2117R Datasheet HTML 490Page - Renesas Technology Corp H8S/2117R Datasheet HTML 491Page - Renesas Technology Corp H8S/2117R Datasheet HTML 492Page - Renesas Technology Corp H8S/2117R Datasheet HTML 493Page - Renesas Technology Corp H8S/2117R Datasheet HTML 494Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 490 / 1024 page
background image
Section 15 Serial Communication Interface (SCI)
Rev. 1.00 Apr. 28, 2008 Page 464 of 994
REJ09B0452-0100
TE bit
SCK
output pin
TxD
output pin
Port
input/output
Port input/output
Port
input/output
Start
Stop
High output
High output
Transmission start
Transmission end
Transition to
software standby
mode
Software standby
mode cancelled
SCI TxD output
Port
Port
SCI
TxD output
Figure 15.34 Pin States during Transmission in Asynchronous Mode (Internal Clock)
TE bit
SCK
output pin
TxD
output pin
Port input/output
Port
input/output
Port
input/output
High output*
Marking output
Transmission start
Transmission end
Transition to
software standby
mode
Software standby
mode cancelled
SCI TxD output
Port
Port
SCI
TxD output
Last TxD bit retained
Note: Initialized in software standby mode
Figure 15.35 Pin States during Transmission in Clocked Synchronous Mode
(Internal Clock)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com