Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2117R Datasheet(PDF) 497 Page - Renesas Technology Corp

No. de pieza H8S/2117R
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R Datasheet(HTML) 497 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 493Page - Renesas Technology Corp H8S/2117R Datasheet HTML 494Page - Renesas Technology Corp H8S/2117R Datasheet HTML 495Page - Renesas Technology Corp H8S/2117R Datasheet HTML 496Page - Renesas Technology Corp H8S/2117R Datasheet HTML 497Page - Renesas Technology Corp H8S/2117R Datasheet HTML 498Page - Renesas Technology Corp H8S/2117R Datasheet HTML 499Page - Renesas Technology Corp H8S/2117R Datasheet HTML 500Page - Renesas Technology Corp H8S/2117R Datasheet HTML 501Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 497 / 1024 page
background image
Section 16 CIR Interface
Rev. 1.00 Apr. 28, 2008 Page 471 of 994
REJ09B0452-0100
16.2
Input Pins
Table 16.1 shows the input pin of the CIR.
Table 16.1
Pin Configuration
Pin Name
Symbol
I/O
Function
CIR input pin
CIRI
Input
CIR receive data input pin
16.3
Register Description
Table 16.2 shows the CIR register configuration.
Table 16.2
List of Register Addresses
Register Name
Abbreviation
R/W
Initial Value
Address
Receive control register 1
CCR1
R/W
H'00
H'FA40
Receive control register 2
CCR2
R/W
H'00
H'FA41
Receive status register
CSTR
R/W
H'00
H'FA42
Interrupt enable register
CEIR
R/W
H'00
H'FA43
Bit rate register
BRR
R/W
H'FF
H'FA44
Receive data register 0 to 17
CIRRDR0 to
CIRRDR17
R
H'00
H'FA45
Header minimum high-level period register
HHMIN
R/W
H'0000
H'FA46
Header maximum high-level period register HHMAX
R/W
H'0000
H'FA48
Header minimum low-level period register
HLMIN
R/W
H'00
H'FA4A
Header maximum low-level period register
HLMAX
R/W
H'00
H'FA4B
Data level 0 minimum period register
DT0MIN
R/W
H'00
H'FA4C
Data level 0 maximum period register
DT0MAX
R/W
H'00
H'FA4D
Data level 1 minimum period register
DT1MIN
R/W
H'00
H'FA4E
Data level 1 maximum period register
DT1MAX
R/W
H'00
H'FA4F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com