Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2117R Datasheet(PDF) 499 Page - Renesas Technology Corp

No. de pieza H8S/2117R
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R Datasheet(HTML) 499 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 495Page - Renesas Technology Corp H8S/2117R Datasheet HTML 496Page - Renesas Technology Corp H8S/2117R Datasheet HTML 497Page - Renesas Technology Corp H8S/2117R Datasheet HTML 498Page - Renesas Technology Corp H8S/2117R Datasheet HTML 499Page - Renesas Technology Corp H8S/2117R Datasheet HTML 500Page - Renesas Technology Corp H8S/2117R Datasheet HTML 501Page - Renesas Technology Corp H8S/2117R Datasheet HTML 502Page - Renesas Technology Corp H8S/2117R Datasheet HTML 503Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 499 / 1024 page
background image
Section 16 CIR Interface
Rev. 1.00 Apr. 28, 2008 Page 473 of 994
REJ09B0452-0100
Bit
Bit Name
Initial
Value
R/W
Description
3
REPRCVE
0
R/W
Receive Enable after Repeat Detection
Enables/disables the CIR reception after a repeat
detection.
0: The CIR reception is disabled by a repeat
detection.
1: The CIR reception is enabled by a repeat detection
2
0
R/W
Reserved
The initial value should not be changed.
1
0
CLK1
CLK0
0
0
R/W
R/W
Reference Clock
00: Internal clock
φ
01: Internal clock
φ/2
10: Internal clock
φ/4
11: subclock
φsub
16.3.2
Receive Control Register 2 (CCR2)
CCR2 consists of the bits that select the CIR communication format.
Bit
Bit Name
Initial
Value
R/W
Description
7
6
TFM1
TFM0
0
0
R/W
R/W
Reception Signal Format Select
00: NEC format (4 bytes are used)
(Address,
address, command, and command are
stored in CIRRDR.)
01: NEC format (2 bytes are used)
(Address and command are stored in CIRRDR.)
10: Setting prohibited
11: Setting prohibited
5 to 0
All 0
R/W
Reserved
The initial value should not be changed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com