Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2117R Datasheet(PDF) 523 Page - Renesas Technology Corp

No. de pieza H8S/2117R
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R Datasheet(HTML) 523 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 519Page - Renesas Technology Corp H8S/2117R Datasheet HTML 520Page - Renesas Technology Corp H8S/2117R Datasheet HTML 521Page - Renesas Technology Corp H8S/2117R Datasheet HTML 522Page - Renesas Technology Corp H8S/2117R Datasheet HTML 523Page - Renesas Technology Corp H8S/2117R Datasheet HTML 524Page - Renesas Technology Corp H8S/2117R Datasheet HTML 525Page - Renesas Technology Corp H8S/2117R Datasheet HTML 526Page - Renesas Technology Corp H8S/2117R Datasheet HTML 527Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 523 / 1024 page
background image
Section 17 Serial Communication Interface with FIFO (SCIF)
Rev. 1.00 Apr. 28, 2008 Page 497 of 994
REJ09B0452-0100
Table 17.3
Register Access
SCIFE Bit in HICR5
0
1
Bit 3 in MSTPCRB
0
1
0
1
SCIFCR
H8S CPU
access*
2
Access disabled
H8S CPU
access*
2
Access disabled
Other than SCIFCR
H8S CPU
access*
2
Access disabled
LPC access*
1
LPC access*
1
Notes: 1. When LPC access is set, writing from the H8S CPU is disabled. The read value is H'FF.
2. When H8S CPU access is set, writing from the LPC is disabled. The read value is H'00.
17.3.1
Receive Shift Register (FRSR)
FRSR is a register that receives data and converts serial data input from the FRxD pin to parallel
data. It stores the data in the order received from the LSB (bit 0). When one frame of serial data
has been received, the data is transferred to FRBR.
FRSR cannot be read from the CPU/LPC interface.
17.3.2
Receive Buffer Register (FRBR)
FRBR is an 8-bit read-only register that stores received serial data. It can read data correctly when
the DR bit in FLSR is set.
When the FIFO is disabled, the data in FRBR must be read before the next data is received. If new
data is received before the remaining data is read, the data is overwritten, resulting in an overrun
error.
When this register is read with the FIFO enabled, the first buffer of the receive FIFO is read.
When the receive FIFO becomes full, the subsequent receive data is lost, resulting in an overrun
error.
Bit
Bit Name
Initial Value
R/W
Description
7 to 0
Bit 7 to
bit 0
All 0
R
Stores received serial data.
The data is 16 bytes when the FIFO is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com