Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2117R Datasheet(PDF) 524 Page - Renesas Technology Corp

No. de pieza H8S/2117R
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R Datasheet(HTML) 524 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 520Page - Renesas Technology Corp H8S/2117R Datasheet HTML 521Page - Renesas Technology Corp H8S/2117R Datasheet HTML 522Page - Renesas Technology Corp H8S/2117R Datasheet HTML 523Page - Renesas Technology Corp H8S/2117R Datasheet HTML 524Page - Renesas Technology Corp H8S/2117R Datasheet HTML 525Page - Renesas Technology Corp H8S/2117R Datasheet HTML 526Page - Renesas Technology Corp H8S/2117R Datasheet HTML 527Page - Renesas Technology Corp H8S/2117R Datasheet HTML 528Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 524 / 1024 page
background image
Section 17 Serial Communication Interface with FIFO (SCIF)
Rev. 1.00 Apr. 28, 2008 Page 498 of 994
REJ09B0452-0100
17.3.3
Transmitter Shift Register (FTSR)
FTSR is a register that converts parallel data from the FTxD pin to serial data and then transmits
the serial data. When one frame transmission of serial data is completed, the next data is
transferred from FTHR. The serial data is transmitted from the LSB (bit 0).
FTSR cannot be written from the H8S CPU/LPC interface.
17.3.4
Transmitter Holding Register (FTHR)
FTHR is an 8-bit write-only register that stores serial transmit data. It is accessible when the
DLAB bit in FLCR is 0. Write transmit data while the THRE bit in FLCR is set to 1.
Data can be written to FTHR when the THRE bit is set with the FIFO disabled. If data is written to
FTHR when the THRE bit is not set, the data is overwritten.
While the THRE bit is set with the FIFO enabled, up to 16 bytes of data can be written. If data is
written with the FIFO full, the written data is lost.
Bit
Bit Name
Initial Value
R/W
Description
7 to 0
Bit 7 to
bit 0
W
Stores serial data to be transmitted.
The data is 16 bytes when the FIFO is enabled.
17.3.5
Divisor Latch H, L (FDLH, FDLL)
The FDLH and FDLL are registers used to set the baud rate. They are accessible when the DLAB
bit in FLCR is 1. Frequency division ranging from 1 to (2
16
− 1) can be set with these registers.
The frequency divider circuit stops when both of FDLH and FDLL are 0 (initial value).
• FDLH
Bit
Bit Name
Initial Value
R/W
Description
7 to 0
Bit 7 to
bit 0
All 0
R/W
Upper 8 bits of divisor latch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com