Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2117R Datasheet(PDF) 530 Page - Renesas Technology Corp

No. de pieza H8S/2117R
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R Datasheet(HTML) 530 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 526Page - Renesas Technology Corp H8S/2117R Datasheet HTML 527Page - Renesas Technology Corp H8S/2117R Datasheet HTML 528Page - Renesas Technology Corp H8S/2117R Datasheet HTML 529Page - Renesas Technology Corp H8S/2117R Datasheet HTML 530Page - Renesas Technology Corp H8S/2117R Datasheet HTML 531Page - Renesas Technology Corp H8S/2117R Datasheet HTML 532Page - Renesas Technology Corp H8S/2117R Datasheet HTML 533Page - Renesas Technology Corp H8S/2117R Datasheet HTML 534Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 530 / 1024 page
background image
Section 17 Serial Communication Interface with FIFO (SCIF)
Rev. 1.00 Apr. 28, 2008 Page 504 of 994
REJ09B0452-0100
Bit
Bit Name
Initial Value
R/W
Description
2
STOP
0
R/W
Stop Bit
Specifies the stop bit length for data transmission.
For data reception, only the first stop bit is checked
regardless of the setting.
0: 1 stop bit
1: 1.5 stop bits (data length: 5 bits) or 2 stop bits
(data length: 6 to 8 bits)
1
0
CLS1
CLS0
0
0
R/W
R/W
Character Length Select 1, 0
These bits specify transmit/receive character data
length.
00: Data length is 5 bits
01: Data length is 6 bits
10: Data length is 7 bits
11: Data length is 8 bits
17.3.10
Modem Control Register (FMCR)
FMCR controls output signals.
Bit
Bit Name
Initial Value
R/W
Description
7 to 5
All 0
R
Reserved
These bits are always read as 1 and cannot be
modified.
4
LOOP
BACK
0
R/W
Loopback Test
The transmit data output is internally connected to
the receive data input, and the transmit data output
pin (FRxD) becomes 1. The receive data input pin is
disconnected from external sources. The four modem
control input pins (
DSR, CTS, RI, and DCD) are
disconnected from external sources, and the pins are
internally connected to the four modem control output
signals (
DTR, RTS, OUT1, and OUT2), respectively.
The transmit data is received immediately in
loopback mode. Enabling/disabling of interrupts is set
by the OUT2LOOP bit in SCIFCR and FIER.
0: Loopback function disabled
1: Loopback function enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com