Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2117R Datasheet(PDF) 533 Page - Renesas Technology Corp

No. de pieza H8S/2117R
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R Datasheet(HTML) 533 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 529Page - Renesas Technology Corp H8S/2117R Datasheet HTML 530Page - Renesas Technology Corp H8S/2117R Datasheet HTML 531Page - Renesas Technology Corp H8S/2117R Datasheet HTML 532Page - Renesas Technology Corp H8S/2117R Datasheet HTML 533Page - Renesas Technology Corp H8S/2117R Datasheet HTML 534Page - Renesas Technology Corp H8S/2117R Datasheet HTML 535Page - Renesas Technology Corp H8S/2117R Datasheet HTML 536Page - Renesas Technology Corp H8S/2117R Datasheet HTML 537Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 533 / 1024 page
background image
Section 17 Serial Communication Interface with FIFO (SCIF)
Rev. 1.00 Apr. 28, 2008 Page 507 of 994
REJ09B0452-0100
Bit
Bit Name
Initial Value
R/W
Description
5
THRE
1
R
FTHR Empty
Indicates that FTHR is ready to accept new data for
transmission.
• When the FIFO is enabled
0: Transmit data of one or more bytes remains in the
transmit FIFO.
[Clearing condition]
Transmit data is written to FTHR.
1: No transmit data remains in the transmit FIFO.
[Setting condition]
When the transmit FIFO becomes empty
• When the FIFO is disabled
0: Transmit data remains in FTHR.
[Clearing condition]
Transmit data is written to FTHR
1: No transmit data in FTHR
[Setting condition]
When data transfer from FTHR to FTSR is
completed
4
BI
0
R
Break Interrupt
Indicates detection of the receive data break signal.
When the FIFO is enabled, a break interrupt occurs
in any receive data in the FIFO, and this bit is set
when the receive data is in the first FIFO buffer.
Reception of the next data starts after the input
receive data becomes mark and a valid start bit is
received.
0: Break signal not detected
[Clearing condition]
FLSR read
1: Break signal detected
[Setting condition]
When input receive data stays at space (low level)
for a reception time exceeding the length of one
frame



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com