Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2117R Datasheet(PDF) 540 Page - Renesas Technology Corp

No. de pieza H8S/2117R
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R Datasheet(HTML) 540 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 536Page - Renesas Technology Corp H8S/2117R Datasheet HTML 537Page - Renesas Technology Corp H8S/2117R Datasheet HTML 538Page - Renesas Technology Corp H8S/2117R Datasheet HTML 539Page - Renesas Technology Corp H8S/2117R Datasheet HTML 540Page - Renesas Technology Corp H8S/2117R Datasheet HTML 541Page - Renesas Technology Corp H8S/2117R Datasheet HTML 542Page - Renesas Technology Corp H8S/2117R Datasheet HTML 543Page - Renesas Technology Corp H8S/2117R Datasheet HTML 544Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 540 / 1024 page
background image
Section 17 Serial Communication Interface with FIFO (SCIF)
Rev. 1.00 Apr. 28, 2008 Page 514 of 994
REJ09B0452-0100
17.4
Operation
17.4.1
Baud Rate
The SCIF includes a baud rate generator and can set the desired baud rate using registers FDLH,
FDLL, and the CKSEL bit in SCIFCR. Table 17.6 shows an example of baud rate settings.
Table 17.6
Example of Baud Rate Settings
00
01
01
CKSEL1,
CKSEL0
LCLK
(33 MHz) divided by 18
System Clock
(20 MHz) divided by 11
System Clock
(10 MHz) divided by 11
Baud rate
FDLH, FDLL
(Hex)
Error (%)
FDLH, FDLL
(Hex)
Error (%)
FDLH, FDLL
(Hex)
Error (%)
50
0900
0.54 %
0900
1.36 %
0480
1.36 %
75
0600
0.54 %
0600
1.36 %
0300
1.36 %
110
0417
0.54 %
0417
1.36 %
300
0180
0.54 %
0180
1.36 %
00C0
1.36 %
600
00C0
0.54 %
00C0
1.36 %
0060
1.36 %
1200
0060
0.54 %
0060
1.36 %
0030
1.36 %
1800
0040
0.54 %
0040
1.36 %
0020
1.36 %
2400
0030
0.54 %
0030
1.36 %
0018
1.36 %
4800
0018
0.54 %
0018
1.36 %
000C
1.36 %
9600
000C
0.54 %
000C
1.36 %
0006
1.36 %
14400
0008
0.54 %
0008
1.36 %
0004
1.36 %
19200
0006
0.54 %
0006
1.36 %
0003
1.36 %
38400
0003
0.54 %
0003
1.36 %
57600
0002
0.54 %
0002
1.36 %
0001
1.36 %
115200
0001
0.54 %
0001
1.36 %



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com