Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2117R Datasheet(PDF) 537 Page - Renesas Technology Corp

No. de pieza H8S/2117R
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R Datasheet(HTML) 537 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 533Page - Renesas Technology Corp H8S/2117R Datasheet HTML 534Page - Renesas Technology Corp H8S/2117R Datasheet HTML 535Page - Renesas Technology Corp H8S/2117R Datasheet HTML 536Page - Renesas Technology Corp H8S/2117R Datasheet HTML 537Page - Renesas Technology Corp H8S/2117R Datasheet HTML 538Page - Renesas Technology Corp H8S/2117R Datasheet HTML 539Page - Renesas Technology Corp H8S/2117R Datasheet HTML 540Page - Renesas Technology Corp H8S/2117R Datasheet HTML 541Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 537 / 1024 page
background image
Section 17 Serial Communication Interface with FIFO (SCIF)
Rev. 1.00 Apr. 28, 2008 Page 511 of 994
REJ09B0452-0100
Bit
Bit Name
Initial Value
R/W
Description
1
DDSR
0
R
Delta Data Set Ready Indicator
Indicates a change in the
DSR input signal after the
DDSR bit is read.
0: No change in the
DSR input signal after FMSR
read
[Clearing condition]
FMSR read
1: A change in the
DSR input signal after FMSR
read
[Setting condition]
A change in the
DSR input signal
0
DCTS
0
R
Delta Clear to Send Indicator
Indicates a change in the
CTS input signal after the
DCTS bit is read.
0: No change in the
CTS input signal after FMSR
read
[Clearing condition]
FMSR read
1: A change in the
CTS input signal after FMSR
read
[Setting condition]
A change in the
CTS input signal
17.3.13
Scratch Pad Register (FSCR)
FSCR is not used for SCIF control, but is used to temporarily store program data.
Bit
Bit Name
Initial Value
R/W
Description
7 to 0
Bit 7 to bit 0
All 0
R/W
Temporarily stores program data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com