Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2117R Datasheet(PDF) 113 Page - Renesas Technology Corp

No. de pieza H8S/2117R
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R Datasheet(HTML) 113 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 109Page - Renesas Technology Corp H8S/2117R Datasheet HTML 110Page - Renesas Technology Corp H8S/2117R Datasheet HTML 111Page - Renesas Technology Corp H8S/2117R Datasheet HTML 112Page - Renesas Technology Corp H8S/2117R Datasheet HTML 113Page - Renesas Technology Corp H8S/2117R Datasheet HTML 114Page - Renesas Technology Corp H8S/2117R Datasheet HTML 115Page - Renesas Technology Corp H8S/2117R Datasheet HTML 116Page - Renesas Technology Corp H8S/2117R Datasheet HTML 117Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 1024 page
background image
Section 5 Interrupt Controller
Rev. 1.00 Apr. 28, 2008 Page 87 of 994
REJ09B0452-0100
5.2
Input/Output Pins
Table 5.1 summarizes the pins of the interrupt controller.
Table 5.1
Pin Configuration
Pin Name
I/O
Function
NMI
Input
Nonmaskable external interrupt pin
Rising edge or falling edge can be selected
IRQ15 to IRQ0,
ExIRQ15 to ExIRQ6
Input
Maskable external interrupt pins
Rising-edge, falling-edge, or both-edge detection, or level-
sensing, can be selected individually for each pin. To which
pin the IRQ15 to IRQ6 interrupt is input can be selected from
the
IRQm and ExIRQm pins. (n = 15 to 6)
KIN15 to KIN0
Input
Maskable external interrupt pins
When EIVS = 0, falling-edge or level-sensing can be
selected.
When EIVS = 1, an interrupt is requested at the falling edge.
WUE15 to WUE8
Input
Maskable external interrupt pins
Either rising edge or falling edge detection can be selected
for each pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com