Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2117R Datasheet(PDF) 114 Page - Renesas Technology Corp

No. de pieza H8S/2117R
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R Datasheet(HTML) 114 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 110Page - Renesas Technology Corp H8S/2117R Datasheet HTML 111Page - Renesas Technology Corp H8S/2117R Datasheet HTML 112Page - Renesas Technology Corp H8S/2117R Datasheet HTML 113Page - Renesas Technology Corp H8S/2117R Datasheet HTML 114Page - Renesas Technology Corp H8S/2117R Datasheet HTML 115Page - Renesas Technology Corp H8S/2117R Datasheet HTML 116Page - Renesas Technology Corp H8S/2117R Datasheet HTML 117Page - Renesas Technology Corp H8S/2117R Datasheet HTML 118Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 1024 page
background image
Section 5 Interrupt Controller
Rev. 1.00 Apr. 28, 2008 Page 88 of 994
REJ09B0452-0100
5.3
Register Descriptions
The interrupt controller has the following registers. For details on the system control register
(SYSCR), see section 3.2.2, System Control Register (SYSCR). For details on system control
register 3 (SYSCR3), see section 3.2.4, System Control Register 3 (SYSCR3).
Table 5.2
Register Configuration
Register Name
Abbreviation
R/W
Initial Value Address
Data Bus
Width
Interrupt control registers A
ICRA
R/W
H'00
H'FEE8
8
Interrupt control registers B
ICRB
R/W
H'00
H'FEE9
8
Interrupt control registers C
ICRC
R/W
H'00
H'FEEA
8
Interrupt control registers D
ICRD
R/W
H'00
H'FE87
8
Address break control register
ABRKCR
R/W
H'FEF4
8
Break address registers A
BARA
R/W
H'00
H'FEF5
8
Break address registers B
BARB
R/W
H'00
H'FEF6
8
Break address registers C
BARC
R/W
H'00
H'FEF7
8
IRQ sense control register 16H
ISCR16H
R/W
H'00
H'FEFA
8
IRQ sense control register 16L
ISCR16L
R/W
H'00
H'FEFB
8
IRQ sense control register H
ISCRH
R/W
H'00
H'FEEC
8
IRQ sense control register L
ISCRL
R/W
H'00
H'FEED
8
IRQ enable register 16
IER16
R/W
H'00
H'FEF8
8
IRQ enable register
IER
R/W
H'00
H'FFC2
8
IRQ status register 16
ISR16
R/W
H'00
H'FEF9
8
IRQ status register
ISR
R/W
H'00
H'FEEB
8
Keyboard matrix interrupt mask
register A
KMIMRA
R/W
H'FF
H'FFF3
H'FE83*
1
8
Keyboard matrix interrupt mask
register
KMIMR
R/W
H'BF
H'FF*
2
H'FFF1
H'FE81*
1
8
Wake-up event interrupt mask
registers
WUEMR
R/W
H'00
H'FE45
8
IRQ sense port select register 16
ISSR16
R/W
H'00
H'FEFC
8
IRQ sense port select register
ISSR
R/W
H'00
H'FEFD
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com