| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
H8S/2117R Datasheet(PDF) 120 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2117R Datasheet(HTML) 120 Page - Renesas Technology Corp |
|
120 / 1024 page ![]() Section 5 Interrupt Controller Rev. 1.00 Apr. 28, 2008 Page 94 of 994 REJ09B0452-0100 • ISCR16L Bit Bit Name Initial Value R/W Description 7 6 IRQ11SCB IRQ11SCA 0 0 R/W R/W 5 4 IRQ10SCB IRQ10SCA 0 0 R/W R/W 3 2 IRQ9SCB IRQ9SCA 0 0 R/W R/W 1 0 IRQ8SCB IRQ8SCA 0 0 R/W R/W IRQn Sense Control B IRQn Sense Control A BA 00: Interrupt request generated at low level of IRQn or ExIRQn input 01: Interrupt request generated at falling edge of IRQn or ExIRQn input 10: Interrupt request generated at rising edge of IRQn or ExIRQn input 11: Interrupt request generated at both falling and rising edges of IRQn or ExIRQn input (n = 11 to 8) Note: The IRQn or ExIRQn pin is selected by IRQ sense port select register 16 (ISSR16). • ISCRH Bit Bit Name Initial Value R/W Description 7 6 IRQ7SCB IRQ7SCA 0 0 R/W R/W 5 4 IRQ6SCB IRQ6SCA 0 0 R/W R/W 3 2 IRQ5SCB IRQ5SCA 0 0 R/W R/W 1 0 IRQ4SCB IRQ4SCA 0 0 R/W R/W IRQn Sense Control B IRQn Sense Control A BA 00: Interrupt request generated at low level of IRQn or ExIRQn input 01: Interrupt request generated at falling edge of IRQn or ExIRQn input 10: Interrupt request generated at rising edge of IRQn or ExIRQn input 11: Interrupt request generated at both falling and rising edges of IRQn or ExIRQn input (n = 7 to 4) Note: The IRQn or ExIRQn pin is selected by the IRQ sense port select register (ISSR). The ExIRQ5 and ExIRQ4 pins are not supported. |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |