Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2117R Datasheet(PDF) 124 Page - Renesas Technology Corp

No. de pieza H8S/2117R
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R Datasheet(HTML) 124 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 120Page - Renesas Technology Corp H8S/2117R Datasheet HTML 121Page - Renesas Technology Corp H8S/2117R Datasheet HTML 122Page - Renesas Technology Corp H8S/2117R Datasheet HTML 123Page - Renesas Technology Corp H8S/2117R Datasheet HTML 124Page - Renesas Technology Corp H8S/2117R Datasheet HTML 125Page - Renesas Technology Corp H8S/2117R Datasheet HTML 126Page - Renesas Technology Corp H8S/2117R Datasheet HTML 127Page - Renesas Technology Corp H8S/2117R Datasheet HTML 128Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 1024 page
background image
Section 5 Interrupt Controller
Rev. 1.00 Apr. 28, 2008 Page 98 of 994
REJ09B0452-0100
• ISR
Bit
Bit Name
Initial Value
R/W
Description
7
6
5
4
3
2
1
0
IRQ7F
IRQ6F
IRQ5F
IRQ4F
IRQ3F
IRQ2F
IRQ1F
IRQ0F
0
0
0
0
0
0
0
0
R/(W)*
R/(W)*
R/(W)*
R/(W)*
R/(W)*
R/(W)*
R/(W)*
R/(W)*
[Setting condition]
When the interrupt source selected by the ISCR
registers occurs
[Clearing conditions]
• When writing 0 to IRQnF flag after reading
IRQnF = 1
• When interrupt exception handling is executed
when low-level detection is set and
IRQn or
ExIRQn input is high
• When IRQn interrupt exception handling is
executed when falling-edge, rising-edge, or
both-edge detection is set
(n = 7 to 0)
Note:
The
IRQn or ExIRQn pin is selected by the
IRQ sense port select register (ISSR). The
ExIRQ5 to ExIRQ0 pins are not supported.
Note:
*
Only 0 can be written for clearing the flag.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com