Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2117R Datasheet(PDF) 164 Page - Renesas Technology Corp

No. de pieza H8S/2117R
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R Datasheet(HTML) 164 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 160Page - Renesas Technology Corp H8S/2117R Datasheet HTML 161Page - Renesas Technology Corp H8S/2117R Datasheet HTML 162Page - Renesas Technology Corp H8S/2117R Datasheet HTML 163Page - Renesas Technology Corp H8S/2117R Datasheet HTML 164Page - Renesas Technology Corp H8S/2117R Datasheet HTML 165Page - Renesas Technology Corp H8S/2117R Datasheet HTML 166Page - Renesas Technology Corp H8S/2117R Datasheet HTML 167Page - Renesas Technology Corp H8S/2117R Datasheet HTML 168Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 1024 page
background image
Section 7 I/O Ports
Rev. 1.00 Apr. 28, 2008 Page 138 of 994
REJ09B0452-0100
Function
Port
Description
Bit I/O
Input
Output
Input Pull-
up MOS
Function
LED Drive
Capability
(5 mA Sink
Current)
On-Chip
Noise
Canceler
7
P77/AN7
6
P76/AN6
5
P75/AN5
4
P74/AN4
3
P73/AN3
2
P72/AN2
1
P71/AN1
Port 7
General input
port also
functioning as
A/D converter
analog input
0
P70/AN0
6
P86/SCK1/
SCL1
IRQ5
5
P85
RxD1/
IRQ4
4
P84
IRQ3
TxD1
3
P83
LPCPD
2
P82/
CLKRUN 
1
P81/GA20
Port 8
General I/O
port also
functioning as
interrupt
input, IIC_1,
SCI_1, and
LPC
inputs/outputs
0
P80/
PME
7
P97/SDA0
IRQ15
6
P96
EXCL
φ
5
P95
IRQ14
4
P94
IRQ13
3
P93
IRQ12
2
P92
IRQ0
1
P91
IRQ1
Port 9
General I/O
port also
functioning as
external sub-
clock,
interrupt
input, IIC_0
input/output,
and system
clock output
0
P90
IRQ2
O
(P95 to
P90)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com