Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2117R Datasheet(PDF) 165 Page - Renesas Technology Corp

No. de pieza H8S/2117R
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R Datasheet(HTML) 165 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 161Page - Renesas Technology Corp H8S/2117R Datasheet HTML 162Page - Renesas Technology Corp H8S/2117R Datasheet HTML 163Page - Renesas Technology Corp H8S/2117R Datasheet HTML 164Page - Renesas Technology Corp H8S/2117R Datasheet HTML 165Page - Renesas Technology Corp H8S/2117R Datasheet HTML 166Page - Renesas Technology Corp H8S/2117R Datasheet HTML 167Page - Renesas Technology Corp H8S/2117R Datasheet HTML 168Page - Renesas Technology Corp H8S/2117R Datasheet HTML 169Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 1024 page
background image
Section 7 I/O Ports
Rev. 1.00 Apr. 28, 2008 Page 139 of 994
REJ09B0452-0100
Function
Port
Description
Bit I/O
Input
Output
Input Pull-
up MOS
Function
LED Drive
Capability
(5 mA Sink
Current)
On-Chip
Noise
Canceler
7
PA7/PS2CD
KIN15
6
PA6/PS2CC
KIN14
5
PA5/PS2BD
KIN13
4
PA4/PS2BC
KIN12
3
PA3/PS2AD
KIN11
2
PA2/PS2AC
KIN10
1
PA1/PS2DD
KIN9
Port A
General I/O
port also
functioning as
keyboard
input and
PS2
input/output
0
PA0/PS2DC
KIN8
7
PB7
RTS/FSISS
6
PB6
CTS
FSICK
5
PB5
FSIDI
DTR
4
PB4
DSR
FSIDO
3
PB3
DCD
PWMU1B
2
PB2
RI
PWMU0B
1
PB1/LSCI
Port B
General I/O
port also
functioning as
LPC, SCIF
and FSI
inputs/outputs
and PWMU
output
0
PB0/
LSMI
O
7
PC7/TIOCB2 TCLKD/
WUE15
6
PC6/TIOCA2
WUE14
5
PC5/TIOCB1 TCLKC/
WUE13
4
PC4/TIOCA1
WUE12
3
PC3/TIOCD0 TCLKB/
WUE11
2
PC2/TIOCC0 TCLKA/
WUE10
1
PC1/TIOCB0
WUE9
Port C
General I/O
port also
functioning as
wake-up input
and TPU
input/output
0
PC0/TIOCA0
WUE8
O
O
O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com