Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2117R Datasheet(PDF) 175 Page - Renesas Technology Corp

No. de pieza H8S/2117R
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R Datasheet(HTML) 175 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 171Page - Renesas Technology Corp H8S/2117R Datasheet HTML 172Page - Renesas Technology Corp H8S/2117R Datasheet HTML 173Page - Renesas Technology Corp H8S/2117R Datasheet HTML 174Page - Renesas Technology Corp H8S/2117R Datasheet HTML 175Page - Renesas Technology Corp H8S/2117R Datasheet HTML 176Page - Renesas Technology Corp H8S/2117R Datasheet HTML 177Page - Renesas Technology Corp H8S/2117R Datasheet HTML 178Page - Renesas Technology Corp H8S/2117R Datasheet HTML 179Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 1024 page
background image
Section 7 I/O Ports
Rev. 1.00 Apr. 28, 2008 Page 149 of 994
REJ09B0452-0100
7.1.5
Output Data Register (PnODR) (n
= A to D and F to J)
ODR is a register that stores output data for ports. The upper two bits in PHODR are reserved.
Bit
Bit Name
Initial Value
R/W
Description
7
Pn7ODR
0
R/W
6
Pn6ODR
0
R/W
5
Pn5ODR
0
R/W
4
Pn4ODR
0
R/W
3
Pn3ODR
0
R/W
2
Pn2ODR
0
R/W
1
Pn1ODR
0
R/W
0
Pn0ODR
0
R/W
ODR stores the output data for the pins that are
used as the general output port.
7.1.6
Noise Canceler Enable Register (PnNCE) (n
= 6, C, and G)
NCE enables or disables the noise cancel circuit at port n pins in bit units.
Bit
Bit Name
Initial Value
R/W
Description
7
Pn7NCE
0
R/W
6
Pn6NCE
0
R/W
5
Pn5NCE
0
R/W
4
Pn4NCE
0
R/W
3
Pn3NCE
0
R/W
2
Pn2NCE
0
R/W
1
Pn1NCE
0
R/W
0
Pn0NCE
0
R/W
Noise cancel circuit is enabled when a bit in this
register is set to 1, and the pin setting state is
fetched in P6DR or PnPIN in the sampling cycle
set by the PnNCCS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com