Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2117R Datasheet(PDF) 176 Page - Renesas Technology Corp

No. de pieza H8S/2117R
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R Datasheet(HTML) 176 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 172Page - Renesas Technology Corp H8S/2117R Datasheet HTML 173Page - Renesas Technology Corp H8S/2117R Datasheet HTML 174Page - Renesas Technology Corp H8S/2117R Datasheet HTML 175Page - Renesas Technology Corp H8S/2117R Datasheet HTML 176Page - Renesas Technology Corp H8S/2117R Datasheet HTML 177Page - Renesas Technology Corp H8S/2117R Datasheet HTML 178Page - Renesas Technology Corp H8S/2117R Datasheet HTML 179Page - Renesas Technology Corp H8S/2117R Datasheet HTML 180Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 1024 page
background image
Section 7 I/O Ports
Rev. 1.00 Apr. 28, 2008 Page 150 of 994
REJ09B0452-0100
7.1.7
Noise Canceler Decision Control Register (PnNCMC) (n
= 6, C, and G)
NCMC controls whether 1 or 0 is expected for the input signal to port n pins in bit units.
Bit
Bit Name
Initial Value
R/W
Description
7
Pn7NCMC
0
R/W
6
Pn6NCMC
0
R/W
5
Pn5NCMC
0
R/W
4
Pn4NCMC
0
R/W
3
Pn3NCMC
0
R/W
2
Pn2NCMC
0
R/W
1
Pn1NCMC
0
R/W
0
Pn0NCMC
0
R/W
1 expected: 1 is stored in the port data register
when 1 is input stably.
0 expected: 0 is stored in the port data register
when 0 is input stably.
7.1.8
Noise Cancel Cycle Setting Register (PnNCCS) (n
= 6, C, and G)
NCCS controls the sampling cycles of the noise canceler.
Bit
Bit Name
Initial Value
R/W
Description
7 to 3
Undefined
R/W
Reserved
The read value is undefined. The write value
should always be 0.
2
PnNCCK2
0
R/W
1
PnNCCK1
0
R/W
0
PnNCCK0
0
R/W
These bits set the sampling cycles of the noise
canceler.
When
φ is 10 MHz
000:
0.80
µs
φ/2
001:
12.8
µs
φ/32
010:
3.3 ms
φ/8192
011:
6.6 ms
φ/16384
100:
13.1 ms
φ/32768
101:
26.2 ms
φ/65536
110:
52.4 ms
φ/131072
111:
104.9 ms
φ/262144



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com