Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2117R Datasheet(PDF) 194 Page - Renesas Technology Corp

No. de pieza H8S/2117R
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R Datasheet(HTML) 194 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 190Page - Renesas Technology Corp H8S/2117R Datasheet HTML 191Page - Renesas Technology Corp H8S/2117R Datasheet HTML 192Page - Renesas Technology Corp H8S/2117R Datasheet HTML 193Page - Renesas Technology Corp H8S/2117R Datasheet HTML 194Page - Renesas Technology Corp H8S/2117R Datasheet HTML 195Page - Renesas Technology Corp H8S/2117R Datasheet HTML 196Page - Renesas Technology Corp H8S/2117R Datasheet HTML 197Page - Renesas Technology Corp H8S/2117R Datasheet HTML 198Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 194 / 1024 page
background image
Section 7 I/O Ports
Rev. 1.00 Apr. 28, 2008 Page 168 of 994
REJ09B0452-0100
7.2.10
Port A
(1)
PA7/
KIN15/PS2CD, PA6/KIN14/PS2CC, PA5/KIN13/PS2BD, PA4/KIN12/PS2BC,
PA3/
KIN11/PS2AD, PA2/KIN10/PS2AC, PA1/KIN9/PS2DD, PA0/KIN8/PS2DC
The pin function is switched according to the combination of the register setting of PS2 and the
PAnDDR bit. When the KMIMRm bit in KMIMRA of the interrupt controller is cleared to 0, this
pin can be used as the
KINm input pin.
Setting
PS2
I/O Port
Module
Name
Pin Function
PS2_OE
PAnDDR
PS2
PS2 input/output
1
PAn output
0
1
I/O port
PAn input
(initial setting)
0
0
(n = 7 to 0, m = 15 to 8)
Note:
When the KBIOE bit is set to 1, this pin functions as an NMOS open-drain output, and direct
bus drive is possible.
When the IICS bit in STCR is set to 1, the output format for PA7 to PA4 is NMOS open-
drain, and direct bus drive is possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com