Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2117R Datasheet(PDF) 190 Page - Renesas Technology Corp

No. de pieza H8S/2117R
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R Datasheet(HTML) 190 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 186Page - Renesas Technology Corp H8S/2117R Datasheet HTML 187Page - Renesas Technology Corp H8S/2117R Datasheet HTML 188Page - Renesas Technology Corp H8S/2117R Datasheet HTML 189Page - Renesas Technology Corp H8S/2117R Datasheet HTML 190Page - Renesas Technology Corp H8S/2117R Datasheet HTML 191Page - Renesas Technology Corp H8S/2117R Datasheet HTML 192Page - Renesas Technology Corp H8S/2117R Datasheet HTML 193Page - Renesas Technology Corp H8S/2117R Datasheet HTML 194Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 190 / 1024 page
background image
Section 7 I/O Ports
Rev. 1.00 Apr. 28, 2008 Page 164 of 994
REJ09B0452-0100
(3)
P84/
IRQ3/TxD1
The pin function is switched as shown below according to the combination of the register setting
of the SCI and the P84DDR bit.
Setting
SCI
I/O Port
Module
Name
Pin Function
TxD1_OE
P84DDR
SCI
TxD1 output
1
P84 output
0
1
I/O port
P84 input
(initial setting)
0
0
(4)
P83/
LPCPD
The pin function is switched as shown below according to the combination of the FSILIE bit in
SLCR of FSI, the SCIFE bit in HICR5 and the LPC4E bit in HICR4 of the LPC, LPC3E to LPC1E
bits in HICR0, and the P83DDR bit. LPCENABLE in the following table is expressed by the
following logical expression.
LPCENABLE = 1 : FSILIE + SCIFE + LPC4E + LPC3E + LPC2E + LPC1E
Setting
Logical Expression
I/O Port
Module
Name
Pin Function
LPCENABLE
P83DDR
LPC
LPCPD input
1
P83 output
0
1
I/O port
P83 input
(initial setting)
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com