Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2117R Datasheet(PDF) 220 Page - Renesas Technology Corp

No. de pieza H8S/2117R
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R Datasheet(HTML) 220 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 216Page - Renesas Technology Corp H8S/2117R Datasheet HTML 217Page - Renesas Technology Corp H8S/2117R Datasheet HTML 218Page - Renesas Technology Corp H8S/2117R Datasheet HTML 219Page - Renesas Technology Corp H8S/2117R Datasheet HTML 220Page - Renesas Technology Corp H8S/2117R Datasheet HTML 221Page - Renesas Technology Corp H8S/2117R Datasheet HTML 222Page - Renesas Technology Corp H8S/2117R Datasheet HTML 223Page - Renesas Technology Corp H8S/2117R Datasheet HTML 224Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 220 / 1024 page
background image
Section 7 I/O Ports
Rev. 1.00 Apr. 28, 2008 Page 194 of 994
REJ09B0452-0100
7.3
Change of Peripheral Function Pins
For the external sub-clock input and IIC input/output, the multi-function I/O ports can be changed.
I/O ports that also function as the external interrupt pins are changed by the setting of ISSR16 and
ISSR. I/O ports that also function as the external sub-clock input pin are changed by the setting of
PTCNT0. For IIC input/output, change the setting of PTCNT1. The pin name of the peripheral
function is indicated by adding ‘Ex’ at the head of the original pin name. In each peripheral
function description, the original pin name is used.
The following registers are available as the port control register.
• Port control register 0 (PTCNT0)
• Port control register 1 (PTCNT1)
• Port control register 2 (PTCNT2)
7.3.1
Port Control Register 0 (PTCNT0)
PTCNT0 selects ports that also function as the external sub-clock input pin.
Bit
Bit Name
Initial Value
R/W
Description
7 to 1
All 0
R/W
Reserved
The initial value should not be changed.
0
EXCLS
0
R/W
0: P96/EXCL is selected
1: PH0/ExEXCL is selected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com