Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2117R Datasheet(PDF) 223 Page - Renesas Technology Corp

No. de pieza H8S/2117R
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R Datasheet(HTML) 223 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 219Page - Renesas Technology Corp H8S/2117R Datasheet HTML 220Page - Renesas Technology Corp H8S/2117R Datasheet HTML 221Page - Renesas Technology Corp H8S/2117R Datasheet HTML 222Page - Renesas Technology Corp H8S/2117R Datasheet HTML 223Page - Renesas Technology Corp H8S/2117R Datasheet HTML 224Page - Renesas Technology Corp H8S/2117R Datasheet HTML 225Page - Renesas Technology Corp H8S/2117R Datasheet HTML 226Page - Renesas Technology Corp H8S/2117R Datasheet HTML 227Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 223 / 1024 page
background image
Section 8 8-Bit PWM Timer (PWMU)
Rev. 1.00 Apr. 28, 2008 Page 197 of 994
REJ09B0452-0100
Section 8 8-Bit PWM Timer (PWMU)
This LSI has two channels of 8-bit PWM timers, A and B (PWMU_A and PWMU_B). Each
PWMU outputs 6 PWM waveforms. Each of the PWM channels of a PWMU can operate
independently. A PWMU allows long-period PWM outputs for six channels in 8-bit single-pulse
mode and for three channels in 16-bit single-pulse mode. In addition, PWM outputs at a high
carrier frequency are available in 8-bit pulse division mode. Connecting a low-pass filter
externally to the LSI allows the PWMU to be used as an 8-bit D/A converter.
8.1
Features
• Selectable from four types of counter input clock
Selection of four internal clock signals (
φ, φ/2, φ/4, and φ/8)
• Independent operation and variable cycle for each channel
Cascaded connection of two channels is possible.
Operation of channel 1 (higher order) and channel 0 (lower order) as a 16-bit single-pulse
PWM timer
Operation of channel 3 (higher order) and channel 2 (lower order) as a 16-bit single-pulse
PWM timer
Operation of channel 5 (higher order) and channel 4 (lower order) as a 16-bit single-pulse
PWM timer
• 8-bit single pulse mode
Operates at a maximum carrier frequency of 78.1 kHz (at 20 MHz operation)
Pulse output settable with a duty cycle from 0/255 to 255/255
PWM output enable/disable control, and selection of direct or inverted PWM output
• 16-bit single pulse mode
Two channels are cascade-connected for operation in this mode.
Operates at a maximum carrier frequency of 305.1 Hz (at 20 MHz operation)
Pulse output settable with a duty cycle from 0/65535 to 65535/65535
PWM output enable/disable control, and selection of direct or inverted PWM output
• 8-bit pulse division mode
Operable at a maximum carrier frequency of 1.25 MHz (at 20 MHz operation)
Pulse output settable with a duty cycle from 0/16 to 15/16
PWM output enable/disable control, and selection of direct or inverted PWM output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com