Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2117R Datasheet(PDF) 238 Page - Renesas Technology Corp

No. de pieza H8S/2117R
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R Datasheet(HTML) 238 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 234Page - Renesas Technology Corp H8S/2117R Datasheet HTML 235Page - Renesas Technology Corp H8S/2117R Datasheet HTML 236Page - Renesas Technology Corp H8S/2117R Datasheet HTML 237Page - Renesas Technology Corp H8S/2117R Datasheet HTML 238Page - Renesas Technology Corp H8S/2117R Datasheet HTML 239Page - Renesas Technology Corp H8S/2117R Datasheet HTML 240Page - Renesas Technology Corp H8S/2117R Datasheet HTML 241Page - Renesas Technology Corp H8S/2117R Datasheet HTML 242Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 238 / 1024 page
background image
Section 8 8-Bit PWM Timer (PWMU)
Rev. 1.00 Apr. 28, 2008 Page 212 of 994
REJ09B0452-0100
When the PWMnE bit (n = 0 to 5) in PWMCONB is set to 1, the PWMU outputs pulses that start
with a high level. The updated PWMREG value is written in REGLAT, and the updated
PWMPRE value is written in PRELAT.
When the REGLAT value is less than the duty counter value, the PWMU outputs a high level
(when direct output is selected). At each PWM clock timing, the duty counter is incremented.
When the clock generator counter is H'00, the PWM clock is generated by decrementing the
PRELAT value.
Figure 8.4 shows an example of duty counter and clock generator counter operation.
H'78
φ
φ/4
Duty
counter
Clock generator
counter
PRELAT
REGLAT
PWMUO
H'79
H'80
H'80
H'81
H'01
H'01
H'01
H'01
H'01
H'00
H'00
H'00
H'00
Figure 8.4 Example of Duty Counter and Clock Generator Counter Operation
(When PWMPRE = H'01 and PWMREG = H'80 with
φ/4 Selected as Count Clock Source)
The following shows the duty counter value and PWMU output timing.
H'FF
Duty counter
REGLAT
H'00
PWMUO
Figure 8.5 Duty Counter Value and PWMU Output Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com