Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2117R Datasheet(PDF) 239 Page - Renesas Technology Corp

No. de pieza H8S/2117R
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R Datasheet(HTML) 239 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 235Page - Renesas Technology Corp H8S/2117R Datasheet HTML 236Page - Renesas Technology Corp H8S/2117R Datasheet HTML 237Page - Renesas Technology Corp H8S/2117R Datasheet HTML 238Page - Renesas Technology Corp H8S/2117R Datasheet HTML 239Page - Renesas Technology Corp H8S/2117R Datasheet HTML 240Page - Renesas Technology Corp H8S/2117R Datasheet HTML 241Page - Renesas Technology Corp H8S/2117R Datasheet HTML 242Page - Renesas Technology Corp H8S/2117R Datasheet HTML 243Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 239 / 1024 page
background image
Section 8 8-Bit PWM Timer (PWMU)
Rev. 1.00 Apr. 28, 2008 Page 213 of 994
REJ09B0452-0100
If the PWMREG value is changed during PWM output, the PWMREG value is loaded into
REGLAT when the duty counter overflows (at the beginning of the next PWM cycle). The
following shows the PWMU output waveform when the PWMREG value is changed.
H'FF
Duty counter
REGLAT
REGLAT'
(value after write)
H'00
PWMUO
PWMREG
write signal
Figure 8.6 PWMU Output Waveform When PWMREG Value is Changed
When the PWMPRE value is changed during PWM output, the PWM cycle changes from the next
cycle. When the clock generator counter underflows, the PWMPRE value is loaded into PRELAT.
The following shows the PRELAT update timing when the PWMPRE value is changed.
Clock generation counter
PRELAT
'
PRELAT
PRELAT
''
H'00
PWMPRE
write signal
PWMPRE
'
PWMPRE
''
Figure 8.7 PRELAT Update Timing When PWMPRE Value is Changed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com