Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2117R Datasheet(PDF) 252 Page - Renesas Technology Corp

No. de pieza H8S/2117R
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R Datasheet(HTML) 252 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 248Page - Renesas Technology Corp H8S/2117R Datasheet HTML 249Page - Renesas Technology Corp H8S/2117R Datasheet HTML 250Page - Renesas Technology Corp H8S/2117R Datasheet HTML 251Page - Renesas Technology Corp H8S/2117R Datasheet HTML 252Page - Renesas Technology Corp H8S/2117R Datasheet HTML 253Page - Renesas Technology Corp H8S/2117R Datasheet HTML 254Page - Renesas Technology Corp H8S/2117R Datasheet HTML 255Page - Renesas Technology Corp H8S/2117R Datasheet HTML 256Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 252 / 1024 page
background image
Section 9 14-Bit PWM Timer (PWMX)
Rev. 1.00 Apr. 28, 2008 Page 226 of 994
REJ09B0452-0100
9.4
Bus Master Interface
DACNT, DADRA, and DADRB are 16-bit registers. The data bus linking the bus master and the
on-chip peripheral modules, however, is only 8 bits wide. When the bus master accesses these
registers, it therefore uses an 8-bit temporary register (TEMP).
These registers are written to and read from as follows.
• Write
When the upper byte is written to, the upper-byte write data is stored in TEMP. Next, when the
lower byte is written to, the lower-byte write data and TEMP value are combined, and the
combined 16-bit value is written in the register.
• Read
When the upper byte is read from, the upper-byte value is transferred to the CPU and the
lower-byte value is transferred to TEMP. Next, when the lower byte is read from, the lower-
byte value in TEMP is transferred to the CPU.
These registers should always be accessed 16 bits at a time with a MOV instruction, and the upper
byte should always be accessed before the lower byte. Correct data will not be transferred if only
the upper byte or only the lower byte is accessed. Also note that a bit manipulation instruction
cannot be used to access these registers.
Example 1: Write to DACNT
MOV.W R0, @DACNT
; Write R0 contents to DACNT
Example 2: Read DADRA
MOV.W @DADRA, R0
; Copy contents of DADRA to R0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com