Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2117R Datasheet(PDF) 255 Page - Renesas Technology Corp

No. de pieza H8S/2117R
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R Datasheet(HTML) 255 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 251Page - Renesas Technology Corp H8S/2117R Datasheet HTML 252Page - Renesas Technology Corp H8S/2117R Datasheet HTML 253Page - Renesas Technology Corp H8S/2117R Datasheet HTML 254Page - Renesas Technology Corp H8S/2117R Datasheet HTML 255Page - Renesas Technology Corp H8S/2117R Datasheet HTML 256Page - Renesas Technology Corp H8S/2117R Datasheet HTML 257Page - Renesas Technology Corp H8S/2117R Datasheet HTML 258Page - Renesas Technology Corp H8S/2117R Datasheet HTML 259Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 255 / 1024 page
background image
Section 9 14-Bit PWM Timer (PWMX)
Rev. 1.00 Apr. 28, 2008 Page 229 of 994
REJ09B0452-0100
9.5
Operation
A PWM waveform like the one shown in figure 9.3 is output from the PWMX pin. DA13 to DA0
in DADR corresponds to the total width (T
L) of the low (0) pulses output in one conversion cycle
(256 pulses when CFS = 0, 64 pulses when CFS = 1). When OS = 0, this waveform is directly
output. When OS = 1, the output waveform is inverted, and DA13 to DA0 in DADR value
corresponds to the total width (T
H) of the high (1) output pulses. Figures 9.4 and 9.5 show the
types of waveform output available.
tf
tL
T: Resolution
TL = Σ tLn (OS = 0)
(When CFS = 0, m = 256
When CFS = 1, m = 64)
m
n = 1
1 conversion cycle
(T
× 214 (= 16384))
Base cycle
(T
× 64 or T × 256)
Figure 9.3 PWMX (D/A) Operation
Table 9.5 summarizes the relationships between the CKS and CFS bit settings and the resolution,
base cycle, and conversion cycle. The PWM output remains fixed unless DA13 to DA0 in DADR
contain at least a certain minimum value. The relationship between the OS bit and the output
waveform is shown in figures 9.4 and 9.5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com