Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2117R Datasheet(PDF) 260 Page - Renesas Technology Corp

No. de pieza H8S/2117R
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R Datasheet(HTML) 260 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 256Page - Renesas Technology Corp H8S/2117R Datasheet HTML 257Page - Renesas Technology Corp H8S/2117R Datasheet HTML 258Page - Renesas Technology Corp H8S/2117R Datasheet HTML 259Page - Renesas Technology Corp H8S/2117R Datasheet HTML 260Page - Renesas Technology Corp H8S/2117R Datasheet HTML 261Page - Renesas Technology Corp H8S/2117R Datasheet HTML 262Page - Renesas Technology Corp H8S/2117R Datasheet HTML 263Page - Renesas Technology Corp H8S/2117R Datasheet HTML 264Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 260 / 1024 page
background image
Section 9 14-Bit PWM Timer (PWMX)
Rev. 1.00 Apr. 28, 2008 Page 234 of 994
REJ09B0452-0100
In this example, DADR = H'0207 (B'0000 0010 0000 0111). The output waveform is shown in
figure 9.7. Since CFS = 1 and the value of the upper eight bits is B'0000 0010, the high width of
the base pulse duty cycle is 2/256
× (T).
Since the value of the subsequent six bits is B'0000 01, an additional pulse is output only at the
location of base pulse No. 63 according to table 9.6. Thus, an additional pulse of 1/256
× (T) is to
be added to the base pulse.
1 conversion cycle
Base pulse
High width: 2/256 × (T)
Base pulse
2/256 × (T)
Additional pulse
1/256 × (T)
Base cycle
Base cycle
Base cycle
No. 1
No. 0
No. 63
Additional pulse output location
Figure 9.7 Output Waveform when DADR = H'0207 (OS = 1)
However, when CFS = 0 (base cycle = resolution (T)
× 64), the duty cycle of the base pulse is
determined by the upper six bits and the locations of the additional pulses by the subsequent eight
bits with a method similar to as above.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com