Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2117R Datasheet(PDF) 257 Page - Renesas Technology Corp

No. de pieza H8S/2117R
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R Datasheet(HTML) 257 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 253Page - Renesas Technology Corp H8S/2117R Datasheet HTML 254Page - Renesas Technology Corp H8S/2117R Datasheet HTML 255Page - Renesas Technology Corp H8S/2117R Datasheet HTML 256Page - Renesas Technology Corp H8S/2117R Datasheet HTML 257Page - Renesas Technology Corp H8S/2117R Datasheet HTML 258Page - Renesas Technology Corp H8S/2117R Datasheet HTML 259Page - Renesas Technology Corp H8S/2117R Datasheet HTML 260Page - Renesas Technology Corp H8S/2117R Datasheet HTML 261Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 257 / 1024 page
background image
Section 9 14-Bit PWM Timer (PWMX)
Rev. 1.00 Apr. 28, 2008 Page 231 of 994
REJ09B0452-0100
PCSR
Fixed DADR Bits
PWCKX0
PWCKX1
Bit Data
C
B
A
CKS
Reso-
lution
T
(
µs)
CFS
Base
Cycle
Conver-
sion
Cycle
TL/TH
(OS = 0/OS = 1)
Accuracy
(Bits)
Conversion
Cycle*
0
1
1
1
12.8
0
819.2
209.7
14
209.7 ms
(
µs)
(ms)
12
0
0
52.4 ms
/1.2kHz
Always low/high output
DA13 to 0 = H'0000 to H'00FF
(Data value)
× T
DA13 to 0 = H'0100 to H'3FFF
10
0
0
0
0
13.1 ms
1
3276.8
14
209.7 ms
(
µs)
12
0
0
52.4 ms
(
φ/256)
/305.2kH
z
Always low/high output
DA13 to 0 = H'0000 to H'003F
(Data value)
× T
DA13 to 0 = H'0040 to H'3FFF
10
0
0
0
0
13.1 ms
1
0
0
1
51.2
0
3.3
838.9
14
838.9 ms
(ms)
(ms)
12
0
0
209.7 ms
/305.2Hz
Always low/high output
DA13 to 0 = H'0000 to H'00FF
(Data value)
× T
DA13 to 0 = H'0100 to H'3FFF
10
0
0
0
0
52.4 ms
1
13.1
14
838.9 ms
(ms)
12
0
0
209.7 ms
(
φ/1024)
/76.3Hz
Always low/high output
DA13 to 0 = H'0000 to H'003F
(Data value)
× T
DA13 to 0 = H'0040 to H'3FFF
10
0
0
0
0
52.4 ms
1
0
1
1
204.8
0
13.1
3.4
14
3.4 s
(ms)
(s)
12
0
0
838.9 ms
/76.3Hz
Always low/high output
DA13 to 0 = H'0000 to H'00FF
(Data value)
× T
DA13 to 0 = H'0100 to H'3FFF
10
0
0
0
0
209.7 ms
1
52.4
14
3.4 s
(ms)
12
0
0
838.9 ms
(
φ/4096)
/19.1Hz
Always low/high output
DA13 to 0 = H'0000 to H'003F
(Data value)
× T
DA13 to 0 = H'0040 to H'3FFF
10
0
0
0
0
209.7 ms
1
1
0
1
819.2
0
52.4
13.4
14
13.4 s
(ms)
(s)
12
0
0
3.4 s
/19.1Hz
Always low/high output
DA13 to 0 = H'0000 to H'00FF
(Data value)
× T
DA13 to 0 = H'0100 to H'3FFF
10
0
0
0
0
838.9 ms
1
209.7
14
13.4 s
(ms)
12
0
0
3.4 s
(
φ/16384)
/4.8Hz
Always low/high output
DA13 to 0 = H'0000 to H'003F
(Data value)
× T
DA13 to 0 = H'0040 to H'3FFF
10
0
0
0
0
838.9 ms
1
1
1
1
Setting
prohibited
Note:
*
Indicates the conversion cycle when specific DA3 to DA0 bits are fixed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com