| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
H8S/20103 Datasheet(PDF) 389 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/20103 Datasheet(HTML) 389 Page - Renesas Technology Corp |
|
389 / 992 page ![]() Section 11 Data Transfer Controller (DTC) Rev. 1.00 Oct. 03, 2008 Page 363 of 962 REJ09B0465-0100 11.7.3 Software Activation An example is shown in which the DTC is used to transfer a block of 128 bytes of data by software activation. The transfer source address is H'1000 and the destination address is H'2000. The vector number is H'60, so the vector address is H'04C0. 1. Set MRA to incrementing source address (SM1 = 1, SM0 = 0), incrementing destination address (DM1 = 1, DM0 = 0), block transfer mode (MD1 = 1, MD0 = 0), and byte size (Sz = 0). The DTS bit can have any value. Set MRB for one block transfer by one interrupt (CHNE = 0). Set the transfer source address (H'1000) in SAR, the transfer destination address (H'2000) in DAR, and 128 (H'8080) in CRA. Set 1 (H'0001) in CRB. 2. Set the start address of the register information at the DTC vector address (H'04C0). 3. Check that the SWDTE bit in DTVECR is 0. Check that there is currently no transfer activated by software. 4. Write 1 to the SWDTE bit and the vector number (H'60) to DTVECR. The write data is H'E0. 5. Read DTVECR again and check that H'60 is set to the vector number. If it is not, this indicates that the write has failed. This is because an interrupt occurred between steps 3 and 4 and led to a different software activation. To activate this transfer, go back to step 3. 6. If the write was successful, the DTC is activated and a block of 128 bytes of data is transferred. 7. After the transfer, an SWDTEND interrupt occurs. The interrupt handling routine should clear the SWDTE bit to 0 and perform other wrap-up processing. |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |