Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20103 Datasheet(PDF) 391 Page - Renesas Technology Corp

No. de pieza H8S/20103
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20103 Datasheet(HTML) 391 Page - Renesas Technology Corp

Back Button H8S/20103 Datasheet HTML 387Page - Renesas Technology Corp H8S/20103 Datasheet HTML 388Page - Renesas Technology Corp H8S/20103 Datasheet HTML 389Page - Renesas Technology Corp H8S/20103 Datasheet HTML 390Page - Renesas Technology Corp H8S/20103 Datasheet HTML 391Page - Renesas Technology Corp H8S/20103 Datasheet HTML 392Page - Renesas Technology Corp H8S/20103 Datasheet HTML 393Page - Renesas Technology Corp H8S/20103 Datasheet HTML 394Page - Renesas Technology Corp H8S/20103 Datasheet HTML 395Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 391 / 992 page
background image
Section 12 Event Link Controller
Rev. 1.00 Oct. 03, 2008 Page 365 of 962
REJ09B0465-0100
Section 12 Event Link Controller
The event link controller (ELC) connects the events generated by the various peripheral modules
to different modules. This function allows direct cooperation between the modules without CPU
intervention. A block diagram of the ELC is shown in figure 12.1.
12.1
Overview
• Fifty-nine event signals can be directly connected to modules.
• The operation of timer modules can be selected when an event is input to the timer module.
• Events can be connected to ports 3 and 6.
Single port-pin: An event link can be set for a single specific pin of a port.
Port group: An event link can be set for a specific group of bits within an 8-bit port.
In addition, in the specified single pin or group within a port, an event is generated by a change
in the value of the linked signals.
• Four channels of events can be generated in arbitrary setting interval using the event-
generation timer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com