Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20103 Datasheet(PDF) 393 Page - Renesas Technology Corp

No. de pieza H8S/20103
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20103 Datasheet(HTML) 393 Page - Renesas Technology Corp

Back Button H8S/20103 Datasheet HTML 389Page - Renesas Technology Corp H8S/20103 Datasheet HTML 390Page - Renesas Technology Corp H8S/20103 Datasheet HTML 391Page - Renesas Technology Corp H8S/20103 Datasheet HTML 392Page - Renesas Technology Corp H8S/20103 Datasheet HTML 393Page - Renesas Technology Corp H8S/20103 Datasheet HTML 394Page - Renesas Technology Corp H8S/20103 Datasheet HTML 395Page - Renesas Technology Corp H8S/20103 Datasheet HTML 396Page - Renesas Technology Corp H8S/20103 Datasheet HTML 397Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 393 / 992 page
background image
Section 12 Event Link Controller
Rev. 1.00 Oct. 03, 2008 Page 367 of 962
REJ09B0465-0100
12.2
Register Descriptions
The ELC has the following registers.
• Event link control register (ELCR)
• Event link setting registers 0 to 32 (ELSR0 to ELSR32)
• Event link option setting register A (ELOPA)
• Event link option setting register B (ELOPB)
• Event link option setting register C (ELOPC)
• Port-group setting registers 1 and 2 (PGR1, PGR2)
• Port-group control registers 1 and 2 (PGC1, PGC2)
• Port buffer registers 1 and 2 (PDBF1 and PDBF2)
• Event link port setting registers 0 to 3 (PEL0 to PEL3)
• Event-generation timer control register (ELTMCR)
• Event-generation timer interval setting register A (ELTMSA)
• Event-generation timer interval setting register B (ELTMSB)
• Event-generation timer delay selection register (ELTMDR)
• ELC timer counter (ELTMCNT)
12.2.1
Event Link Control Register (ELCR)
b7
ELCON
0
b6
1
b5
1
b4
1
b3
1
b2
1
b1
1
b0
1
H'FF06BC
Bit:
Address:
Value after reset:
Bit
Symbol
Bit Name
Description
R/W
7
ELCON
All event link
enable
0: Linkage of all the events are disabled.
1: Linkage of all the events are enabled.
R/W
6 to 0
Reserved
These bits are read as 1. The write value should be
1.
ELCR controls the operation of the event link controller (ELC) collectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com