Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20103 Datasheet(PDF) 396 Page - Renesas Technology Corp

No. de pieza H8S/20103
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20103 Datasheet(HTML) 396 Page - Renesas Technology Corp

Back Button H8S/20103 Datasheet HTML 392Page - Renesas Technology Corp H8S/20103 Datasheet HTML 393Page - Renesas Technology Corp H8S/20103 Datasheet HTML 394Page - Renesas Technology Corp H8S/20103 Datasheet HTML 395Page - Renesas Technology Corp H8S/20103 Datasheet HTML 396Page - Renesas Technology Corp H8S/20103 Datasheet HTML 397Page - Renesas Technology Corp H8S/20103 Datasheet HTML 398Page - Renesas Technology Corp H8S/20103 Datasheet HTML 399Page - Renesas Technology Corp H8S/20103 Datasheet HTML 400Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 396 / 992 page
background image
Section 12 Event Link Controller
Rev. 1.00 Oct. 03, 2008 Page 370 of 962
REJ09B0465-0100
Table 12.2
Correspondence between Event Signal Names and ELSn Bit Values
ELSn7 to ELSn0 Bit Value
(Signal Number)
Name of Event Signal to Set ELSR
00000001 (H'01)
Timer RA underflow
00000010 (H'02)
Timer RB underflow
00000011 (H'03)*
1
Timer RC overflow
00000100 (H'04)*
1
Timer RC compare-match A
00000101 (H'05)*
1
Timer RC compare-match B
00000110 (H'06)*
1
Timer RC compare-match C
00000111 (H'07)*
1
Timer RC compare-match D
00001000 (H'08)
Timer RD_0 channel 0 overflow
00001001 (H'09)
Timer RD_0 channel 0 compare-match A
00001010 (H'0A)
Timer RD_0 channel 0 compare-match B
00001011 (H'0B)
Timer RD_0 channel 0 compare-match C
00001100 (H'0C)
Timer RD_0 channel 0 compare-match D
00001101 (H'0D)
Timer RD_0 channel 1 overflow
00001110 (H'0E)
Timer RD_0 channel 1 underflow
00001111 (H'0F)
Timer RD_0 channel 1 compare-match A
00010000 (H'10)
Timer RD_0 channel 1 compare-match B
00010001 (H'11)
Timer RD_0 channel 1 compare-match C
00010010 (H'12)
Timer RD_0 channel 1 compare-match D
00100001 (H'21)
Timer RG overflow
00100010 (H'22)
Timer RG underflow
00100011 (H'23)
Timer RG compare-match A
00100100 (H'24)
Timer RG compare-match B
00101001 (H'29)
AD conversion end in AD converter unit 1
00101010 (H'2A)*
2
AD conversion end in AD converter unit 2
00101100 (H'2C)
Input edge detection on input port-group 1
00101101 (H'2D)
Input edge detection on input port-group 2
00101111 (H'2F)
Input edge detection on single input port 1
00110000 (H'30)
Input edge detection on single input port 2
00110001 (H'31)
Input edge detection on single input port 3
00110010 (H'32)
Input edge detection on single input port 4
00110111 (H'37)
Voltage-drop detection in LVD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com