Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20103 Datasheet(PDF) 397 Page - Renesas Technology Corp

No. de pieza H8S/20103
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20103 Datasheet(HTML) 397 Page - Renesas Technology Corp

Back Button H8S/20103 Datasheet HTML 393Page - Renesas Technology Corp H8S/20103 Datasheet HTML 394Page - Renesas Technology Corp H8S/20103 Datasheet HTML 395Page - Renesas Technology Corp H8S/20103 Datasheet HTML 396Page - Renesas Technology Corp H8S/20103 Datasheet HTML 397Page - Renesas Technology Corp H8S/20103 Datasheet HTML 398Page - Renesas Technology Corp H8S/20103 Datasheet HTML 399Page - Renesas Technology Corp H8S/20103 Datasheet HTML 400Page - Renesas Technology Corp H8S/20103 Datasheet HTML 401Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 397 / 992 page
background image
Section 12 Event Link Controller
Rev. 1.00 Oct. 03, 2008 Page 371 of 962
REJ09B0465-0100
ELSn7 to ELSn0 Bit Value
(Signal Number)
Name of Event Signal to Set ELSR
00111000 (H'38)
Voltage-drop reset detection in LVD
00111001 (H'39)
CPG backup start
00111010 (H'3A)
WDT increment
00111011 (H'3B)
WDT reset
00111100 (H'3C)
Timer RE interval (week, day, hour, minute, or second)
00111101 (H'3D)
DTC transfer end
00111110 (H'3E)
Transmit-buffer empty in IIC2/SSU
00111111 (H'3F)
Transmit end in IIC2/SSU
01000000 (H'40)
Receive-buffer full in IIC2/SSU
01000001 (H'41)
Stop-condition detection in IIC2/SSU
01000010 (H'42)
Arbitration loss/overrun error in IIC2/SSU
01000011 (H'43)
NACK detection/conflict error in IIC2/SSU
01001010 (H'4A)
SCI3_1 transmit-buffer empty
01001011 (H'4B)
SCI3_1 transmit end
01001100 (H'4C)
SCI3_1 receive-buffer full
01001101 (H'4D)
SCI3_1 transfer error
01001110 (H'4E)
SCI3_2 transmit-buffer empty
01001111 (H'4F)
SCI3_2 transmit end
01010000 (H'50)
SCI3_2 receive-buffer full
01010001 (H'51)
SCI3_2 transfer error
01010010 (H'52)
SCI3_3 transmit-buffer empty
01010011 (H'53)
SCI3_3 transmit end
01010100 (H'54)
SCI3_3 receive-buffer full
01010101 (H'55)
SCI3_3 transfer error
01011110 (H'5E)
Timer ELC event 0
01011111 (H'5F)
Timer ELC event 1
01100000 (H'60)
Timer ELC event 2
01100001 (H'61)
Timer ELC event 3
Other than the above: Setting prohibited
Note:
1. Selected for the H8S/20103 group.
2. Selected for the H8S/20223 group.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com