Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20103 Datasheet(PDF) 484 Page - Renesas Technology Corp

No. de pieza H8S/20103
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20103 Datasheet(HTML) 484 Page - Renesas Technology Corp

Back Button H8S/20103 Datasheet HTML 480Page - Renesas Technology Corp H8S/20103 Datasheet HTML 481Page - Renesas Technology Corp H8S/20103 Datasheet HTML 482Page - Renesas Technology Corp H8S/20103 Datasheet HTML 483Page - Renesas Technology Corp H8S/20103 Datasheet HTML 484Page - Renesas Technology Corp H8S/20103 Datasheet HTML 485Page - Renesas Technology Corp H8S/20103 Datasheet HTML 486Page - Renesas Technology Corp H8S/20103 Datasheet HTML 487Page - Renesas Technology Corp H8S/20103 Datasheet HTML 488Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 484 / 992 page
background image
Section 15 Timer RC
Rev. 1.00 Oct. 03, 2008 Page 458 of 962
REJ09B0465-0100
Each general register is a 16-bit readable/writable register that can function as either an output-
compare register or an input-capture register. The function is selected by settings in TRCIOR0 and
TRCIOR1.
When a general register is used as an input-compare register, its value is constantly compared with
the TRCCNT value. When the two values match (a compare match), the corresponding flag (the
IMFA, IMFB, IMFC, or IMFD bit) in TRCSR is set to 1. An interrupt request is generated at this
time, when the IMIEA, IMIEB, IMIEC, or IMIED bit in TRCIER is set to 1. A compare match
output can be selected in TRCIOR.
When a general register is used as an input-capture register, an external input-capture signal is
detected and the current TRCCNT value is stored in the general register. The corresponding flag
(the IMFA, IMFB, IMFC, or IMFD bit) in TRCSR is set to 1. If the corresponding interrupt-
enable bit (the IMIEA, IMIEB, IMIEC, or IMIED bit) in TRIER is set to 1 at this time, an
interrupt request is generated. The edge of the input-capture signal is selected in TRCIOR.
GRC and GRD can be used as buffer registers of GRA and GRB, respectively, by setting BUFEA
and BUFEB in TRCMR.
For example, when GRA is set as an output-compare register and GRC is set as the buffer register
for GRA, the value in the buffer register GRC is sent to GRA whenever compare match A is
generated.
When GRA is set as an input-capture register and GRC is set as the buffer register for GRA, the
value in TRCCNT is transferred to GRA and the value in the buffer register GRA is transferred to
GRC whenever an input capture is generated.
GRA to GRD must be written or read in 16-bit units; 8-bit access is not allowed. GRA to GRD are
initialized to H'FFFF by a reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com