Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20103 Datasheet(PDF) 485 Page - Renesas Technology Corp

No. de pieza H8S/20103
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20103 Datasheet(HTML) 485 Page - Renesas Technology Corp

Back Button H8S/20103 Datasheet HTML 481Page - Renesas Technology Corp H8S/20103 Datasheet HTML 482Page - Renesas Technology Corp H8S/20103 Datasheet HTML 483Page - Renesas Technology Corp H8S/20103 Datasheet HTML 484Page - Renesas Technology Corp H8S/20103 Datasheet HTML 485Page - Renesas Technology Corp H8S/20103 Datasheet HTML 486Page - Renesas Technology Corp H8S/20103 Datasheet HTML 487Page - Renesas Technology Corp H8S/20103 Datasheet HTML 488Page - Renesas Technology Corp H8S/20103 Datasheet HTML 489Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 485 / 992 page
background image
Section 15 Timer RC
Rev. 1.00 Oct. 03, 2008 Page 459 of 962
REJ09B0465-0100
15.3
Operation
Timer RC has the following operating modes.
• Timer mode operation
Enables output compare and input capture functions by setting the IOA2 to IOA0 and IOB2 to
IOB0 bits in TRCIOR0 and the IOC3 to IOC0 and IOD3 to IOD0 bits in TRCIOR1.
• PWM mode operation
Enables PWM mode operation by setting the PWMD, PWMC, and PWMB bits in TRCMR.
• PWM2 mode operation
Enables PWM2 mode operation by setting the PWM2 bit in TRCMR.
The FTIOA to FTIOD pins indicate the timer output mode by each register setting. Set 1 to the
PMCR and PMR bits corresponding to the pins selected by the PMC.
Table 15.3
FTIOA Pin Functions
Register
Name
TRCOER
TRCMR
TRCIOR0
Bit Name
EA
PWM2
IOA2 to
IOA0
Function
0
1
001, 01X
Timer mode waveform output (output compare
function)
X
1
1XX
Timer mode (input capture function)
X
1
000
General input port (when PCR = 0 on the
corresponding pin)
Setting
values
Other than above
Setting prohibited
[Legend]
X:
Don't care.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com