Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20103 Datasheet(PDF) 487 Page - Renesas Technology Corp

No. de pieza H8S/20103
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20103 Datasheet(HTML) 487 Page - Renesas Technology Corp

Back Button H8S/20103 Datasheet HTML 483Page - Renesas Technology Corp H8S/20103 Datasheet HTML 484Page - Renesas Technology Corp H8S/20103 Datasheet HTML 485Page - Renesas Technology Corp H8S/20103 Datasheet HTML 486Page - Renesas Technology Corp H8S/20103 Datasheet HTML 487Page - Renesas Technology Corp H8S/20103 Datasheet HTML 488Page - Renesas Technology Corp H8S/20103 Datasheet HTML 489Page - Renesas Technology Corp H8S/20103 Datasheet HTML 490Page - Renesas Technology Corp H8S/20103 Datasheet HTML 491Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 487 / 992 page
background image
Section 15 Timer RC
Rev. 1.00 Oct. 03, 2008 Page 461 of 962
REJ09B0465-0100
Table 15.6
FTIOD Pin Functions
Register
Name
TRCOER
TRCMR
TRCIOR1
Bit Name
ED
PWM2
PWMD
IOD2 to
IOD0
Function
0
1
1
XXX
PWM mode waveform output
0
1
0
001, 01X
Timer mode waveform output (output
compare function)
X
1
0
1XX
Timer mode (input capture function)
X
1
0
000
General input port (when PCR = 0 on
the corresponding pin)
Setting
values
Other than above
Setting prohibited
[Legend]
X:
Don't care.
15.3.1
Timer Mode Operation
TRCCNT performs free-running or periodic counting operations. After a reset, TRCCNT is set as
a free-running counter. When the CTS bit in TRCMR is set to 1, TRCCNT starts counting. When
the TRCCNT value overflows from H'FFFF to H'0000, the OVF flag in TRCSR is set to 1. If the
OVIE in TRCIER is set to 1, an interrupt request is generated. Figure 15.2 shows an example of
free-running counting.
TRCCNT
H'FFFF
H'0000
CTS bit
OVF
Time
Flag cleared
by software
Figure 15.2 Free-Running Counter Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com