Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20103 Datasheet(PDF) 196 Page - Renesas Technology Corp

No. de pieza H8S/20103
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20103 Datasheet(HTML) 196 Page - Renesas Technology Corp

Back Button H8S/20103 Datasheet HTML 192Page - Renesas Technology Corp H8S/20103 Datasheet HTML 193Page - Renesas Technology Corp H8S/20103 Datasheet HTML 194Page - Renesas Technology Corp H8S/20103 Datasheet HTML 195Page - Renesas Technology Corp H8S/20103 Datasheet HTML 196Page - Renesas Technology Corp H8S/20103 Datasheet HTML 197Page - Renesas Technology Corp H8S/20103 Datasheet HTML 198Page - Renesas Technology Corp H8S/20103 Datasheet HTML 199Page - Renesas Technology Corp H8S/20103 Datasheet HTML 200Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 196 / 992 page
background image
Section 7 ROM
Rev. 1.00 Oct. 03, 2008 Page 170 of 962
REJ09B0465-0100
7.4.3
Flash Memory Data Flash Protect Register (DFPR)
b7
0
b6
0
b5
0
b4
0
b3
0
b2
0
b1
DFPR1
0
b0
DFPR0
0
H'FF0662
Bit:
Address:
Value after reset:
Bit
Symbol
Bit Name
Description
R/W
7 to 2
Reserved
These bits are read as 0. The write value should
be 0.
1
DFPR1
Data flash B
E/W disable*
1*2
0: E/W of data flash B is enabled.
1: E/W of data flash B is disabled.
R/W
0
DFPR0
Data flash A
E/W disable*
1*2
0: E/W of data flash A is enabled.
1: E/W of data flash A is disabled.
R/W
Notes: 1. When setting the bit to 0, first set the bit to 1 and then immediately set the bit to 0; do
not allow any interrupt to be generated between these operations.
2. The DFPR bits are set to 1 when the FMCMDEN bit changes from 0 to 1.
DFPR enables/disables reprogramming of data flash areas in block units. Before reprogramming
the data flash areas, cancel the protection against reprogramming.
• DFPR1 bit (data flash B E/W disable)
Setting the DFPR1 bit to 1 disables software commands to be issued to data flash B. Setting
the DFPR1 bit to 0 enables software commands to be issued to data flash B.
• DFPR0 bit (data flash A E/W disable)
Setting the DFPR0 bit to 1 disables software commands to be issued to data flash A. Setting
the DFPR0 bit to 0 enables software commands to be issued to data flash A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com