Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20103 Datasheet(PDF) 194 Page - Renesas Technology Corp

No. de pieza H8S/20103
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20103 Datasheet(HTML) 194 Page - Renesas Technology Corp

Back Button H8S/20103 Datasheet HTML 190Page - Renesas Technology Corp H8S/20103 Datasheet HTML 191Page - Renesas Technology Corp H8S/20103 Datasheet HTML 192Page - Renesas Technology Corp H8S/20103 Datasheet HTML 193Page - Renesas Technology Corp H8S/20103 Datasheet HTML 194Page - Renesas Technology Corp H8S/20103 Datasheet HTML 195Page - Renesas Technology Corp H8S/20103 Datasheet HTML 196Page - Renesas Technology Corp H8S/20103 Datasheet HTML 197Page - Renesas Technology Corp H8S/20103 Datasheet HTML 198Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 194 / 992 page
background image
Section 7 ROM
Rev. 1.00 Oct. 03, 2008 Page 168 of 962
REJ09B0465-0100
7.4.2
Flash Memory Control Register 2 (FLMCR2)
b7
0
b6
0
b5
0
b4
FMRDYIE
0
b3
FMBSYRDIE
0
b2
FMISPE
0
b1
FMSPREQ
0
b0
FMSPEN
0
H'FF0661
Bit:
Address:
Value after reset:
Bit
Symbol
Bit Name
Description
R/W
7, 6
Reserved
5
Reserved
These bits are read as 0. The write value should
be 0.
4
FMRDYIE
*
1*2
Flash read-ready
interrupt enable
0: The ready interrupt is disabled.
1: The ready interrupt is enabled.
R/W
3
FMBSYRDIE
*
1*3
Flash busy-read
interrupt enable
0: The busy-read interrupt is disabled.
1: The busy-read interrupt is enabled.
R/W
2
FMISPE*
4
Suspend-request
enable by interrupt
request
0: Transition to erase-suspend mode by an
interrupt request is disabled.
1: Transition to erase-suspend mode by an
interrupt request is enabled.
R/W
1
FMSPREQ
*
1*5*6*7
Erase suspend
0: Erasure is resumed.
1: Transition to erase-suspend mode is made.
R/W
0
FMSPEN
*
4*8
Erase-suspend
enable
0: Erase suspend is disabled.
1: Erase suspend is enabled.
R/W
Notes: 1. For programming the flash memory, set the FMSPEN bit to 1.
2. The FMRDYIE bit is cleared to 0 when the FMRDY bit changes from 0 to 1.
3. The FMBSYRDIE bit is cleared to 0 when the FMRDY bit changes from 0 to 1.
4. When setting the bit to 1, first clear the bit to 0 and then immediately set the bit to 1; do
not allow any interrupt to be generated between these operations.
5. The FMSPREQ bit is set to 1 when an interrupt is generated if the FMSPEN bit is 1 in
EW1 mode.
6. The FMSPREQ bit is set to 1 when an interrupt is generated if the FMSPEN and
FMISPE bits are 1 in EW0 mode.
7. The FMSPREQ bit is cleared to 0 when the FMRDY bit changes from 0 to 1 upon
completion of E/W.
8. The FMSPEN bit is cleared to 0 when the FMRDY bit changes from 0 to 1 if the
FMSPREQ bit is 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com