Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20103 Datasheet(PDF) 192 Page - Renesas Technology Corp

No. de pieza H8S/20103
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20103 Datasheet(HTML) 192 Page - Renesas Technology Corp

Back Button H8S/20103 Datasheet HTML 188Page - Renesas Technology Corp H8S/20103 Datasheet HTML 189Page - Renesas Technology Corp H8S/20103 Datasheet HTML 190Page - Renesas Technology Corp H8S/20103 Datasheet HTML 191Page - Renesas Technology Corp H8S/20103 Datasheet HTML 192Page - Renesas Technology Corp H8S/20103 Datasheet HTML 193Page - Renesas Technology Corp H8S/20103 Datasheet HTML 194Page - Renesas Technology Corp H8S/20103 Datasheet HTML 195Page - Renesas Technology Corp H8S/20103 Datasheet HTML 196Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 992 page
background image
Section 7 ROM
Rev. 1.00 Oct. 03, 2008 Page 166 of 962
REJ09B0465-0100
7.4
Register Descriptions
• Flash memory control register 1 (FLMCR1)
• Flash memory control register 2 (FLMCR2)
• Flash memory data flash protect register (DFPR)
• Flash memory status register (FLMSTR)
7.4.1
Flash Memory Control Register 1 (FLMCR1)
b7
0
b6
0
b5
0
b4
0
b3
FMLBD
0
b2
FMWUS
1
b1
FMEWMOD
0
b0
FMCMDEN
0
H'FF0660
Bit:
Address:
Value after reset:
Bit
Symbol
Bit Name
Description
R/W
7, 6
Reserved
5, 4
Reserved
These bits are read as 0. The write value should
be 0.
3
FMLBD*
1*2
Lock bit disable
0: The lock bits are enabled.
1: The lock bits are disabled.
R/W
2
FMWUS
CPU
reprogramming-
instruction select
0: Reprogramming through byte instructions
1: Reprogramming through word instructions
R/W
1
FMEWMOD
EW mode select
0: EW0 mode
1: EW1 mode
R/W
0
FMCMDEN
*
1*2*3*4
Flash memory
software
command enable
0: Flash memory software commands are disabled.
1: Flash memory software commands are enabled.
R/W
Notes: 1. When setting the bit to 1, first clear the bit to 0 and then immediately set the bit to 1; do
not allow any interrupt to be generated between these operations.
2. The bit is cleared to 0 when the FMRDY bit changes from 0 to 1.
3. Set the FMEWMOD bit and then set the FMCMDEN bit to 1.
4. When setting the FMCMDEN bit to 1 while the FMEWMOD bit is 0, be sure to execute
the program in the RAM.
FLMCR1 enables/disables reprogramming/erasure, selects the reprogramming/erasure mode,
enables/disables lock bits, and selects the reprogramming unit of the flash memory. For specific
use, see section 7.6, Programming/Erasing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com