Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20103 Datasheet(PDF) 219 Page - Renesas Technology Corp

No. de pieza H8S/20103
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20103 Datasheet(HTML) 219 Page - Renesas Technology Corp

Back Button H8S/20103 Datasheet HTML 215Page - Renesas Technology Corp H8S/20103 Datasheet HTML 216Page - Renesas Technology Corp H8S/20103 Datasheet HTML 217Page - Renesas Technology Corp H8S/20103 Datasheet HTML 218Page - Renesas Technology Corp H8S/20103 Datasheet HTML 219Page - Renesas Technology Corp H8S/20103 Datasheet HTML 220Page - Renesas Technology Corp H8S/20103 Datasheet HTML 221Page - Renesas Technology Corp H8S/20103 Datasheet HTML 222Page - Renesas Technology Corp H8S/20103 Datasheet HTML 223Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 219 / 992 page
background image
Section 7 ROM
Rev. 1.00 Oct. 03, 2008 Page 193 of 962
REJ09B0465-0100
• SUM (1 byte): Checksum
Response
H'06
• Response H'06 (1 byte): Response to the new bit-rate selection command
The ACK code is returned when selection is possible.
Error response
H'BF
ERROR
• Error response H'BF (1 byte): Error response to new bit-rate selection
• ERROR (1 byte): Error code
H'11: Checksum error
H'24: Bit-rate selection error indicating that the specified bit rate is not selectable.
H'25: Input frequency error indicating that the specified input frequency is not within the range
from the minimum to maximum values.
H'26: Frequency division ratio error indicating disagreement of frequency division ratios
H'27: Operating frequency error indicating that the specified operating frequency is not within
the range from the minimum to maximum values.
(4) Checking Received Data
The following describes how the received data is checked.
1. Input frequency
The value of the received input frequency is checked to see if it is within the range from
minimum to maximum values of the input frequency of the selected clock mode of the selected
device. If not, an input frequency error is generated.
2. Frequency division ratio
The value of the received frequency division ratio is checked to see if it corresponds to the
frequency division ratio value of the selected clock mode of the selected device. If not, a
frequency division ratio error is generated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com