Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20103 Datasheet(PDF) 221 Page - Renesas Technology Corp

No. de pieza H8S/20103
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20103 Datasheet(HTML) 221 Page - Renesas Technology Corp

Back Button H8S/20103 Datasheet HTML 217Page - Renesas Technology Corp H8S/20103 Datasheet HTML 218Page - Renesas Technology Corp H8S/20103 Datasheet HTML 219Page - Renesas Technology Corp H8S/20103 Datasheet HTML 220Page - Renesas Technology Corp H8S/20103 Datasheet HTML 221Page - Renesas Technology Corp H8S/20103 Datasheet HTML 222Page - Renesas Technology Corp H8S/20103 Datasheet HTML 223Page - Renesas Technology Corp H8S/20103 Datasheet HTML 224Page - Renesas Technology Corp H8S/20103 Datasheet HTML 225Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 221 / 992 page
background image
Section 7 ROM
Rev. 1.00 Oct. 03, 2008 Page 195 of 962
REJ09B0465-0100
Host
Boot program
Selects the new-bit-rate selection command.
H'06 (ACK)
Waits for one-bit period
at the selected bit rate.
H'06 (ACK) at the new bit rate
H'06 (ACK) at the new bit rate
Sets the new bit rate.
Sets the new bit rate.
Figure 7.9 Sequence of New Bit-Rate Selection
(5) Transition to Programming/Erasure State
In response to the command for transition-to-programming/erasure state, the boot program
transfers the erasure program to erase the data in the user ROM area. On completion of this
erasure, the boot program returns the ACK code and enters the programming/erasure state.
Before transmitting the programming selection command and data for programming, the host
should select the device, clock mode, and new bit rate for this LSI using the device selection,
clock-mode selection, and new-bit-rate selection commands; and then transmit a transition-to-
programming/erasure-state command to the boot program.
Command
H'40
• Command H'40 (1 byte): Transition to programming/erasure state
Response
H'06
• Response H'06 (1 byte): Response to the transition-to-programming/erasure-state command.
The ACK code is returned when the user ROM area have been successfully erased after
transfer of the erasure program.
Error response
H'C0
H'51
• Error response H'C0 (1 byte): Error response to the transition-to-programming/erasure-state
command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com