Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20103 Datasheet(PDF) 220 Page - Renesas Technology Corp

No. de pieza H8S/20103
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20103 Datasheet(HTML) 220 Page - Renesas Technology Corp

Back Button H8S/20103 Datasheet HTML 216Page - Renesas Technology Corp H8S/20103 Datasheet HTML 217Page - Renesas Technology Corp H8S/20103 Datasheet HTML 218Page - Renesas Technology Corp H8S/20103 Datasheet HTML 219Page - Renesas Technology Corp H8S/20103 Datasheet HTML 220Page - Renesas Technology Corp H8S/20103 Datasheet HTML 221Page - Renesas Technology Corp H8S/20103 Datasheet HTML 222Page - Renesas Technology Corp H8S/20103 Datasheet HTML 223Page - Renesas Technology Corp H8S/20103 Datasheet HTML 224Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 220 / 992 page
background image
Section 7 ROM
Rev. 1.00 Oct. 03, 2008 Page 194 of 962
REJ09B0465-0100
3. Operating frequency
The operating frequency is calculated from the received input frequency and frequency
division ratio. The input frequency is the frequency of the clock signal supplied to the LSI,
whereas the operating frequency is the frequency at which the LSI actually operates. The
following formula is used for the calculation.
Operating frequency = input frequency/frequency division ratio
The obtained operating frequency is checked to see if it is within the range from the minimum
to maximum values of the operating frequency of the selected clock mode of the selected
device. If not, an operating frequency error is generated.
4. Bit rate
From the peripheral operating frequency (
φ) and bit rate (B), the value (n) of the clock select
bits (CKS) in the serial mode register (SMR) and the value (N) in the bit rate register (BRR)
are calculated to determine the error. The error determined is checked to see if it is smaller
than 4%. If not, a bit-rate selection error is generated. The following formula is used for the
calculation.
Error (%) =
(N + 1)
× B × 64 × 22n-1
φ × 10
6
× 100
- 1
When selection of the new bit rate is possible, the boot program returns an ACK code to the host
and then makes the necessary register settings to select the new bit rate. The host then transmits an
ACK code at the new bit rate and the boot program responds to it at the new bit rate.
Acknowledge
H'06
• Acknowledge H'06 (1 byte): Acknowledgement of the new bit rate
Response
H'06
• Response H'06 (1 byte): Response to acknowledgement of the new bit rate
Figure 7.9 shows the sequence of new bit-rate selection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com