Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2112 Datasheet(PDF) 336 Page - Renesas Technology Corp

No. de pieza H8S/2112
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 Datasheet(HTML) 336 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 332Page - Renesas Technology Corp H8S/2112 Datasheet HTML 333Page - Renesas Technology Corp H8S/2112 Datasheet HTML 334Page - Renesas Technology Corp H8S/2112 Datasheet HTML 335Page - Renesas Technology Corp H8S/2112 Datasheet HTML 336Page - Renesas Technology Corp H8S/2112 Datasheet HTML 337Page - Renesas Technology Corp H8S/2112 Datasheet HTML 338Page - Renesas Technology Corp H8S/2112 Datasheet HTML 339Page - Renesas Technology Corp H8S/2112 Datasheet HTML 340Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 336 / 894 page
background image
Section 11 16-Bit Cycle Measurement Timer (TCM)
Rev. 1.00 Mar. 18, 2008 Page 312 of 866
REJ09B0451-0100
11.6.3
Conflict between TCMICR Read and Input Capture
When operation is in timer mode and the corresponding input capture signal is detected during
reading of TCMICR, the input capture signal is delayed by one system clock (
φ). Figure 11.15
shows the timing of this conflict.
φ
TCMCYI
TCMICR
read signal
TCMICR
ICPF
Input capture
signal
N + 2
N + 1
N
Capture generated
N - 1
N
M
TCMCNT
Figure 11.15 Conflict between TCMICR Read and Input Capture
11.6.4
Conflict between Edge Detection in Cycle Measurement Mode and Writing to
TCMMLCM or TCMMINCM
If the selected edge of TCMCYI is detected in the second half of a cycle of writing to the register
(TCMMLCM or TCMMINCM) in cycle measurement mode, the detected edge signal is delayed
by one cycle of the system clock (
φ).
Figure 11.16 shows the timing of this conflict.
TCMICR > TCMCNT (Upper liit over)
Capture generated
φ
TCMCYI
Internal write
signal
TCMICR
MAXOVF
Input capture
signal
N
M
H'0000
N
TCMCNT
Figure 11.16 Conflict between Edge Detection and Register Write
(Cycle Measurement Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com