Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2112 Datasheet(PDF) 333 Page - Renesas Technology Corp

No. de pieza H8S/2112
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 Datasheet(HTML) 333 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 329Page - Renesas Technology Corp H8S/2112 Datasheet HTML 330Page - Renesas Technology Corp H8S/2112 Datasheet HTML 331Page - Renesas Technology Corp H8S/2112 Datasheet HTML 332Page - Renesas Technology Corp H8S/2112 Datasheet HTML 333Page - Renesas Technology Corp H8S/2112 Datasheet HTML 334Page - Renesas Technology Corp H8S/2112 Datasheet HTML 335Page - Renesas Technology Corp H8S/2112 Datasheet HTML 336Page - Renesas Technology Corp H8S/2112 Datasheet HTML 337Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 333 / 894 page
background image
Section 11 16-Bit Cycle Measurement Timer (TCM)
Rev. 1.00 Mar. 18, 2008 Page 309 of 866
REJ09B0451-0100
(4)
Example of Settings for Cycle Measurement Mode
Figure 11.12 shows an example of the flow when cycle measurement mode is to be used.
Start
Initialization
Set TCMMDS to 0
Set CST (TCMCR) to 0
Set TCMMLCM
Set OVIE and MAXOVIE to 1
Set TCMMDS to 1
Yes
No
Yes
No
Interrupt is generated
Processing for
external event stopped state
Processing for cycle
upper limit over
End of exception handling
Set TCMMDS = 0
End of measurement
OVF = 1? or
MAXOVF = 1?
MAXOVF = 1?
[1]
[2]
[3]
[5]
[6]
[1]
[2]
[3]
[5]
[6]
[9]
[9]
[7]
[7]
[8]
[8]
Set timer mode.
Stop TCMCNT and initialize to H'0000.
Set an upper limit on the measurement period.
Enable interrupts.
Set speed measurement mode
to start speed measurement.
Speed measurement is completed.
Processing for the external event stopped state.
Processing for cycle upper limit over.
Set TCMPIPE = 1
[4]
[4]
Pin input enabled.
Figure 11.12 Example of Cycle Measurement Mode Settings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com