Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2112 Datasheet(PDF) 337 Page - Renesas Technology Corp

No. de pieza H8S/2112
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 Datasheet(HTML) 337 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 333Page - Renesas Technology Corp H8S/2112 Datasheet HTML 334Page - Renesas Technology Corp H8S/2112 Datasheet HTML 335Page - Renesas Technology Corp H8S/2112 Datasheet HTML 336Page - Renesas Technology Corp H8S/2112 Datasheet HTML 337Page - Renesas Technology Corp H8S/2112 Datasheet HTML 338Page - Renesas Technology Corp H8S/2112 Datasheet HTML 339Page - Renesas Technology Corp H8S/2112 Datasheet HTML 340Page - Renesas Technology Corp H8S/2112 Datasheet HTML 341Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 337 / 894 page
background image
Section 11 16-Bit Cycle Measurement Timer (TCM)
Rev. 1.00 Mar. 18, 2008 Page 313 of 866
REJ09B0451-0100
11.6.5
Conflict between Edge Detection in Cycle Measurement Mode and Clearing of
TCMMDS Bit in TCMCR
If the CST bit in TCMCR is set to 1 in cycle measurement mode, and the TCMMDS bit in
TCMCR is cleared, but the selected edge from TCMCYI is detected at the same time, detection of
the selected edge will cause the timer to continue to operate in cycle measurement mode. The
timer will not make the transition to timer mode until the next detection of the selected edge. Thus,
ensure that the CST bit is cleared to 0 in cycle measurement mode.
Figure 11.17 shows the timing of this conflict.
Internal write
signal
Input capture
signal
N + 1
N
H'0000
M
N
M
L
φ
TCMCYI
TCMCNT cleared at the
first rising edge
TCMCNT not cleared
TCMCNT
TCMICR
TCMMDS
Figure 11.17 Conflict between Edge Detection and Clearing of TCMMDS
(to Switch from Cycle Measurement Mode to Timer Mode)
11.6.6
Settings of TCMCKI and TCMMCI
TCMCKI and TCMMCI are multiplexed on the same pin of this LSI. Therefore, the selected
external clock and the TCMMCI signal cannot be used at the same time. Do not make the settings
CKS2 to CKS0
= B'111 and CMMS = B'1.
11.6.7
Setting for Module Stop Mode
The module-stop control register can be used to select either continuation or stoppage of TCM
operation in module-stopped mode. The default setting is for TCM operation to stop. TCM
registers become accessible on release from module stop mode. For details, see section 24, Power-
Down Modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com