Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2112 Datasheet(PDF) 335 Page - Renesas Technology Corp

No. de pieza H8S/2112
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 Datasheet(HTML) 335 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 331Page - Renesas Technology Corp H8S/2112 Datasheet HTML 332Page - Renesas Technology Corp H8S/2112 Datasheet HTML 333Page - Renesas Technology Corp H8S/2112 Datasheet HTML 334Page - Renesas Technology Corp H8S/2112 Datasheet HTML 335Page - Renesas Technology Corp H8S/2112 Datasheet HTML 336Page - Renesas Technology Corp H8S/2112 Datasheet HTML 337Page - Renesas Technology Corp H8S/2112 Datasheet HTML 338Page - Renesas Technology Corp H8S/2112 Datasheet HTML 339Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 335 / 894 page
background image
Section 11 16-Bit Cycle Measurement Timer (TCM)
Rev. 1.00 Mar. 18, 2008 Page 311 of 866
REJ09B0451-0100
11.6
Usage Notes
11.6.1
Conflict between TCMCNT Write and Count-Up Operation
When a conflict between TCMCNT write and count-up operation occurs in the second half of the
TCMCNT write cycle, TCMCNT is not incremented and writing to TCMCNT takes priority.
Figure 11.13 shows the timing of this conflict.
φ
Internal write
signal
Internal clock
TCMCNT
input clock
T1
T2
TCMCNT
N - 1
N
N + 1
Figure 11.13 Conflict between TCMCNT Write and Count-Up Operation
11.6.2
Conflict between TCMMLCM Write and Compare Match
When a conflict between TCMMLCM write and a compare match should occur in the second half
of a cycle of writing to TCMMLCM, writing to TCMMLCM takes priority and the compare
match signal is inhibited. Figure 11.14 shows the timing of this conflict.
φ
Internal write
signal
TCMCNT
TCMMLCM
T1
T2
Compare match
signal
Inhibited
N
N + 1
N + 2
N
M
Figure 11.14 Conflict between TCMMLCM Write and Compare Match



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com