Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2112 Datasheet(PDF) 390 Page - Renesas Technology Corp

No. de pieza H8S/2112
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 Datasheet(HTML) 390 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 386Page - Renesas Technology Corp H8S/2112 Datasheet HTML 387Page - Renesas Technology Corp H8S/2112 Datasheet HTML 388Page - Renesas Technology Corp H8S/2112 Datasheet HTML 389Page - Renesas Technology Corp H8S/2112 Datasheet HTML 390Page - Renesas Technology Corp H8S/2112 Datasheet HTML 391Page - Renesas Technology Corp H8S/2112 Datasheet HTML 392Page - Renesas Technology Corp H8S/2112 Datasheet HTML 393Page - Renesas Technology Corp H8S/2112 Datasheet HTML 394Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 390 / 894 page
background image
Section 14 Serial Communication Interface (SCI)
Rev. 1.00 Mar. 18, 2008 Page 366 of 866
REJ09B0451-0100
14.3.5
Serial Mode Register (SMR)
SMR is used to set the SCI's serial transfer format and select the baud rate generator clock source.
Some bits in SMR have different functions in normal mode and smart card interface mode. The
CPU can always read SMR. The CPU can write to SMR only at the initial settings; do not have the
CPU write to SMR in transmission, reception, and simultaneous data transmission and reception.
• Bit Functions in Normal Serial Communication Interface Mode (when SMIF in SCMR = 0)
Bit
Bit Name
Initial Value
R/W
Description
7
C/
A
0
R/W
Communication Mode
0: Asynchronous mode
1: Clocked synchronous mode
6
CHR
0
R/W
Character Length (enabled only in asynchronous
mode)
0: Selects 8 bits as the data length.
1: Selects 7 bits as the data length. LSB-first is fixed
and the MSB of TDR is not transmitted in
transmission.
In clocked synchronous mode, a fixed data length of
8 bits is used.
5
PE
0
R/W
Parity Enable (enabled only in asynchronous mode)
When this bit is set to 1, the parity bit is added to
transmit data before transmission, and the parity bit
is checked in reception. For a multiprocessor format,
parity bit addition and checking are not performed
regardless of the PE bit setting.
4
O/
E
0
R/W
Parity Mode (enabled only when the PE bit is 1 in
asynchronous mode)
0: Selects even parity.
1: Selects odd parity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com