Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2112 Datasheet(PDF) 394 Page - Renesas Technology Corp

No. de pieza H8S/2112
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 Datasheet(HTML) 394 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 390Page - Renesas Technology Corp H8S/2112 Datasheet HTML 391Page - Renesas Technology Corp H8S/2112 Datasheet HTML 392Page - Renesas Technology Corp H8S/2112 Datasheet HTML 393Page - Renesas Technology Corp H8S/2112 Datasheet HTML 394Page - Renesas Technology Corp H8S/2112 Datasheet HTML 395Page - Renesas Technology Corp H8S/2112 Datasheet HTML 396Page - Renesas Technology Corp H8S/2112 Datasheet HTML 397Page - Renesas Technology Corp H8S/2112 Datasheet HTML 398Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 394 / 894 page
background image
Section 14 Serial Communication Interface (SCI)
Rev. 1.00 Mar. 18, 2008 Page 370 of 866
REJ09B0451-0100
14.3.6
Serial Control Register (SCR)
SCR is a register that performs enabling or disabling of SCI transfer operations and interrupt
requests, and selection of the transfer clock source. For details on interrupt requests, see section
14.8, Interrupt Sources. Some bits in SCR have different functions in normal mode and smart card
interface mode. The CPU can always read SCR. The CPU can write to SCR only at the initial
settings; do not have the CPU write to SCR in transmission, reception, and simultaneous data
transmission and reception.
• Bit Functions in Normal Serial Communication Interface Mode (when SMIF in SCMR = 0)
Bit
Bit Name
Initial Value
R/W
Description
7
TIE
0
R/W
Transmit Interrupt Enable
When this bit is set to 1, a TXI interrupt request is
enabled.
6
RIE
0
R/W
Receive Interrupt Enable
When this bit is set to 1, RXI and ERI interrupt
requests are enabled.
5
TE
0
R/W
Transmit Enable
When this bit is set to 1, transmission is enabled.
4
RE
0
R/W
Receive Enable
When this bit is set to 1, reception is enabled.
3
MPIE
0
R/W
Multiprocessor Interrupt Enable (enabled only when
the MP bit in SMR is 1 in asynchronous mode)
When this bit is set to 1, receive data in which the
multiprocessor bit is 0 is skipped, and setting of the
RDRF, FER, and ORER status flags in SSR is
disabled. On receiving data in which the
multiprocessor bit is 1, this bit is automatically
cleared and normal reception is resumed. For
details, see section 14.5, Multiprocessor
Communication Function.
2
TEIE
0
R/W
Transmit End Interrupt Enable
When this bit is set to 1, a TEI interrupt request is
enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com