Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2112 Datasheet(PDF) 392 Page - Renesas Technology Corp

No. de pieza H8S/2112
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 Datasheet(HTML) 392 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 388Page - Renesas Technology Corp H8S/2112 Datasheet HTML 389Page - Renesas Technology Corp H8S/2112 Datasheet HTML 390Page - Renesas Technology Corp H8S/2112 Datasheet HTML 391Page - Renesas Technology Corp H8S/2112 Datasheet HTML 392Page - Renesas Technology Corp H8S/2112 Datasheet HTML 393Page - Renesas Technology Corp H8S/2112 Datasheet HTML 394Page - Renesas Technology Corp H8S/2112 Datasheet HTML 395Page - Renesas Technology Corp H8S/2112 Datasheet HTML 396Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 392 / 894 page
background image
Section 14 Serial Communication Interface (SCI)
Rev. 1.00 Mar. 18, 2008 Page 368 of 866
REJ09B0451-0100
• Bit Functions in Smart Card Interface Mode (when SMIF in SCMR = 1)
Bit
Bit Name
Initial Value
R/W
Description
7
GM
0
R/W
GSM Mode
Setting this bit to 1 allows GSM mode operation. In
GSM mode, the TEND set timing is put forward to
11.0 etu* from the start and the clock output control
function is appended. For details, see section
14.7.8, Clock Output Control.
6
BLK
0
R/W
Setting this bit to 1 allows block transfer mode
operation. For details, see section 14.7.3, Block
Transfer Mode.
5
PE
0
R/W
Parity Enable (valid only in asynchronous mode)
When this bit is set to 1, the parity bit is added to
transmit data before transmission, and the parity bit
is checked in reception. Set this bit to 1 in smart
card interface mode.
4
O/
E
0
R/W
Parity Mode (valid only when the PE bit is 1 in
asynchronous mode)
0: Selects even parity
1: Selects odd parity
For details on the usage of this bit in smart card
interface mode, see section 14.7.2, Data Format
(Except in Block Transfer Mode).
3
2
BCP1
BCP0
0
0
R/W
R/W
Basic Clock Pulse 1 and 0
These bits select the number of basic clock cycles in
a 1-bit data transfer time in smart card interface
mode.
00: 32 clock cycles (S = 32)
01: 64 clock cycles (S = 64)
10: 372 clock cycles (S = 372)
11: 256 clock cycles (S = 256)
For details, see section 14.7.4, Receive Data
Sampling Timing and Reception Margin. S is
described in section 14.3.9, Bit Rate Register
(BRR).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com