Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2112 Datasheet(PDF) 391 Page - Renesas Technology Corp

No. de pieza H8S/2112
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 Datasheet(HTML) 391 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 387Page - Renesas Technology Corp H8S/2112 Datasheet HTML 388Page - Renesas Technology Corp H8S/2112 Datasheet HTML 389Page - Renesas Technology Corp H8S/2112 Datasheet HTML 390Page - Renesas Technology Corp H8S/2112 Datasheet HTML 391Page - Renesas Technology Corp H8S/2112 Datasheet HTML 392Page - Renesas Technology Corp H8S/2112 Datasheet HTML 393Page - Renesas Technology Corp H8S/2112 Datasheet HTML 394Page - Renesas Technology Corp H8S/2112 Datasheet HTML 395Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 391 / 894 page
background image
Section 14 Serial Communication Interface (SCI)
Rev. 1.00 Mar. 18, 2008 Page 367 of 866
REJ09B0451-0100
Bit
Bit Name
Initial Value
R/W
Description
3
STOP
0
R/W
Stop Bit Length (enabled only in asynchronous
mode)
Selects the stop bit length in transmission.
0: 1 stop bit
1: 2 stop bits
In reception, only the first stop bit is checked. If the
second stop bit is 0, it is treated as the start bit of
the next transmit frame.
2
MP
0
R/W
Multiprocessor Mode (enabled only in asynchronous
mode)
When this bit is set to 1, the multiprocessor
communication function is enabled. The PE bit and
O/
E bit settings are invalid in multiprocessor mode.
1
0
CKS1
CKS0
0
0
R/W
R/W
Clock Select 1 and 0
These bits select the clock source for the baud rate
generator.
00:
φ clock (n = 0)
01:
φ/4 clock (n = 1)
10:
φ/16 clock (n = 2)
11:
φ/64 clock (n = 3)
For the relation between the bit rate register setting
and the baud rate, see section 14.3.9, Bit Rate
Register (BRR). n is the decimal display of the value
of n in BRR (see section 14.3.9, Bit Rate Register
(BRR)).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com