Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2112 Datasheet(PDF) 470 Page - Renesas Technology Corp

No. de pieza H8S/2112
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 Datasheet(HTML) 470 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 466Page - Renesas Technology Corp H8S/2112 Datasheet HTML 467Page - Renesas Technology Corp H8S/2112 Datasheet HTML 468Page - Renesas Technology Corp H8S/2112 Datasheet HTML 469Page - Renesas Technology Corp H8S/2112 Datasheet HTML 470Page - Renesas Technology Corp H8S/2112 Datasheet HTML 471Page - Renesas Technology Corp H8S/2112 Datasheet HTML 472Page - Renesas Technology Corp H8S/2112 Datasheet HTML 473Page - Renesas Technology Corp H8S/2112 Datasheet HTML 474Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 470 / 894 page
background image
Section 15 Serial Communication Interface with FIFO (SCIF)
Rev. 1.00 Mar. 18, 2008 Page 446 of 866
REJ09B0451-0100
15.3.12
Modem Status Register (FMSR)
FMSR is a read-only register that indicates the status of or a change in the modem control pins.
Bit
Bit Name
Initial Value
R/W
Description
7
DCD
Undefined
R
Data Carrier Detect
Indicates the inverted state of the
DCD input pin.
6
RI
Undefined
R
Ring Indicator
Indicates the inverted state of the
RI input pin.
5
DSR
Undefined
R
Data Set Ready
Indicates the inverted state of the
DSR input pin.
4
CTS
Undefined
R
Clear to Send
Indicates the inverted state of the
CTS input pin.
3
DDCD
0
R
Delta Data Carrier Indicator
Indicates a change in the
DCD input signal after the
DDCD bit is read.
0: No change in the
DCD input signal after FMSR
read
[Clearing condition]
FMSR read
1: A change in the
DCD input signal after FMSR
read
[Setting condition]
A change in the
DCD input signal
2
TERI
0
R
Trailing Edge Ring Indicator
Indicates a rise in the
RI input signal after the TERI
bit is read.
0: No change in the
RI input signal after FMSR
read
[Clearing condition]
FMSR read
1: A rise in the
RI input signal after FMSR read
[Setting condition]
A rise in the
RI input pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com